Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2951DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2951DR
Description  ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2951DR Datasheet(HTML) 5 Page - Texas Instruments

  LP2951DR Datasheet HTML 1Page - Texas Instruments LP2951DR Datasheet HTML 2Page - Texas Instruments LP2951DR Datasheet HTML 3Page - Texas Instruments LP2951DR Datasheet HTML 4Page - Texas Instruments LP2951DR Datasheet HTML 5Page - Texas Instruments LP2951DR Datasheet HTML 6Page - Texas Instruments LP2951DR Datasheet HTML 7Page - Texas Instruments LP2951DR Datasheet HTML 8Page - Texas Instruments LP2951DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Electrical Characteristics
LP2950
,, LP2951
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS
WITH SHUTDOWN
SLVS582D – APRIL 2006 – REVISED MARCH 2007
V
IN = VOUT (nominal) + 1 V, IL = 100 µA, CL = 1 µF (5-V versions) or CL = 2.2 µF (3-V and 3.3-V versions),
8-pin version: FEEDBACK tied to V
TAP, OUTPUT tied to SENSE, VSHUTDOWN ≤ 0.7 V
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
3-V VERSION (LP295x-30)
25
°C
2.970
3
3.030
VOUT
Output voltage
IL = 100µA
V
–40
°C to 125°C
2.940
3
3.060
3.3-V VERSION (LP295x-33)
25
°C
3.267
3.3
3.333
VOUT
Output voltage
IL = 100µA
V
–40
°C to 125°C
3.234
3.3
3.366
5-V VERSION (LP295x-50)
25
°C
4.950
5
5.050
VOUT
Output voltage
IL = 100µA
V
–40
°C to 125°C
4.900
5
5.100
ALL VOLTAGE OPTIONS
Output voltage temperature
IL = 100 µA
–40
°C to 125°C
20
100
ppm/
°C
coefficient(1)
25
°C
0.03
0.2
Line regulation(2)
VIN = [VOUT(NOM) + 1 V] to 30 V
%/V
–40
°C to 125°C
0.4
25
°C
0.04
0.2
Load regulation(2)
IL = 100 µA to 100 mA
%
–40
°C to 125°C
0.3
25
°C
50
80
IL = 100 µA
–40
°C to 125°C
150
VIN – VOUT Dropout voltage(3)
mV
25
°C
380
450
IL = 100 mA
–40
°C to 125°C
600
25
°C
75
120
IL = 100 µA
µA
–40
°C to 125°C
140
IGND
GND current
25
°C
8
12
IL = 100 mA
mA
–40
°C to 125°C
14
25
°C
110
170
VIN = VOUT(NOM) – 0.5 V,
Dropout ground current
µA
IL = 100 µA
–40
°C to 125°C
200
25
°C
160
200
Current limit
VOUT = 0 V
mA
–40
°C to 125°C
220
Thermal regulation(4)
IL = 100 µA
25
°C
0.05
0.2
%/W
CL = 1 µF (5 V only)
430
CL = 200 µF
160
Output noise (RMS),
25
°C
µV
LP2951-50: CL = 3.3 µF,
10 Hz to 100 kHz
CBypass = 0.01 µF between pins 1
100
and 7
(LP2951-xx) 8-PIN VERSION ONLY ADJ
25
°C
1.218
1.235
1.252
–40
°C to 125°C
1.212
1.257
Reference voltage
V
VOUT = VREF to (VIN – 1 V),
VIN = 2.3 V to 30 V,
–40
°C to 125°C
1.200
1.272
IL = 100 µA to 100 mA
Reference voltage
25
°C
20
ppm/
°C
temperature coefficient(1)
(1)
Output or reference voltage temperature coefficient is defined as the worst-case voltage change divided by the total temperature range.
(2)
Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
(3)
Dropout voltage is defined as the input-to-output differential at which the output voltage drops 100 mV, below the value measured at 1-V
differential. The minimum input supply voltage of 2 V (2.3 V over temperature) must be observed.
(4)
Thermal regulation is defined as the change in output voltage at a time (T) after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a 50-mA load pulse at VIN = 30 V, VOUT = 5 V (1.25-W pulse) for t = 10 ms.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com