Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT491 Datasheet(PDF) 2 Page - Multicomp Pro

Part # FMMT491
Description  Single Bipolar Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

FMMT491 Datasheet(HTML) 2 Page - Multicomp Pro

  FMMT491 Datasheet HTML 1Page - Multicomp Pro FMMT491 Datasheet HTML 2Page - Multicomp Pro FMMT491 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page <2>
V1.0
23/08/24
Single Bipolar Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Typical Characterisitics
Parameter
Symbol
Test Conditions
Min Typ Max Unit
DC current gain
hFE(1)
VCE= 5V, IC= 1mA
100
hFE(2)
VCE= 5V, IC= 500mA
300
hFE(3)
VCE= 5V, IC= 1 A
80
hFE(4)
VCE= 5V, IC= 2 A
30
Collector output capacitance
Cob
VCB= 10V, f=1MHz
10
pF
Transition frequency
fT
VCE= 10V, Ic=50mA, f=100MHz
150
MHz
Note.1: Measured under pulsed conditions. Pulse width ≤ 300us; duty cycle ≤ 2%.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com