Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPP27 Datasheet(PDF) 7 Page - Multicomp Pro

Part # MPP27
Description  Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MPP27 Datasheet(HTML) 7 Page - Multicomp Pro

  MPP27 Datasheet HTML 1Page - Multicomp Pro MPP27 Datasheet HTML 2Page - Multicomp Pro MPP27 Datasheet HTML 3Page - Multicomp Pro MPP27 Datasheet HTML 4Page - Multicomp Pro MPP27 Datasheet HTML 5Page - Multicomp Pro MPP27 Datasheet HTML 6Page - Multicomp Pro MPP27 Datasheet HTML 7Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Page <7>
V1.0
28/07/23
Thick Film Chip Resistors
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Description
Part Number
Thick Film Chip Resistor, 1R
MPP102WF100KT2E
Thick Film Chip Resistor, 1.2R MPP102WF120KT2E
Thick Film Chip Resistor, 1.5R MPP102WF150KT2E
Thick Film Chip Resistor, 1.6R MPP102WF160KT2E
Thick Film Chip Resistor, 1.8R MPP102WF180KT2E
Thick Film Chip Resistor, 2R
MPP102WF200KT2E
Thick Film Chip Resistor, 2.7R MPP102WF270KT2E
Thick Film Chip Resistor, 3R
MPP102WF300KT2E
Thick Film Chip Resistor, 3.9R MPP102WF390KT2E
Thick Film Chip Resistor, 4.7R MPP102WF470KT2E
Thick Film Chip Resistor, 5.1R MPP102WF510KT2E
Thick Film Chip Resistor, 5.6R MPP102WF560KT2E
Thick Film Chip Resistor, 6.2R MPP102WF620KT2E
Thick Film Chip Resistor, 6.8R MPP102WF680KT2E
Thick Film Chip Resistor, 7.5R MPP102WF750KT2E
Thick Film Chip Resistor, 8.2R MPP102WF820KT2E
Thick Film Chip Resistor, 9.1R MPP102WF910KT2E
Thick Film Chip Resistor, 10R
MPP102WF100JT2E
Thick Film Chip Resistor, 12R
MPP102WF120JT2E
Thick Film Chip Resistor, 13R
MPP102WF130JT2E
Thick Film Chip Resistor, 16R
MPP102WF160JT2E
Thick Film Chip Resistor, 20R
MPP102WF200JT2E
Thick Film Chip Resistor, 33R
MPP102WF330JT2E
Thick Film Chip Resistor, 43R
MPP102WF430JT2E
Thick Film Chip Resistor, 62R
MPP102WF620JT2E
Description
Part Number
Thick Film Chip Resistor, 75R
MPP102WF750JT2E
Thick Film Chip Resistor, 100R MPP102WF1000T2E
Thick Film Chip Resistor, 110R MPP102WF1100T2E
Thick Film Chip Resistor, 120R MPP102WF1200T2E
Thick Film Chip Resistor, 160R MPP102WF1600T2E
Thick Film Chip Resistor, 220R MPP102WF2200T2E
Thick Film Chip Resistor, 300R MPP102WF3000T2E
Thick Film Chip Resistor, 470R MPP102WF4700T2E
Thick Film Chip Resistor, 620R MPP102WF6200T2E
Thick Film Chip Resistor, 680R MPP102WF6800T2E
Thick Film Chip Resistor, 750R MPP102WF7500T2E
Thick Film Chip Resistor, 910R MPP102WF9100T2E
Thick Film Chip Resistor, 1.2K MPP102WF1201T2E
Thick Film Chip Resistor, 1.5K MPP102WF1501T2E
Thick Film Chip Resistor, 3.6K MPP102WF3601T2E
Thick Film Chip Resistor, 12K
MPP102WF1202T2E
Thick Film Chip Resistor, 43K
MPP102WF4302T2E
Thick Film Chip Resistor, 62K
MPP102WF6202T2E
Thick Film Chip Resistor, 91K
MPP102WF9102T2E
Thick Film Chip Resistor, 1R
MPP102WJ010JT2E
Thick Film Chip Resistor, 5.6R
MPP102WJ056JT2E
Thick Film Chip Resistor, 120R MPP102WJ0121T2E
Thick Film Chip Resistor, 470R MPP102WJ0471T2E
Thick Film Chip Resistor, 560R MPP102WJ0561T2E
Thick Film Chip Resistor, 1M
MPP102WJ0105T2E
Part Number Table



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com