Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM160218 Datasheet(PDF) 15 Page - Microchip Technology

Part # DM160218
Description  Hillstar Development Kit User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM160218 Datasheet(HTML) 15 Page - Microchip Technology

Back Button DM160218 Datasheet HTML 11Page - Microchip Technology DM160218 Datasheet HTML 12Page - Microchip Technology DM160218 Datasheet HTML 13Page - Microchip Technology DM160218 Datasheet HTML 14Page - Microchip Technology DM160218 Datasheet HTML 15Page - Microchip Technology DM160218 Datasheet HTML 16Page - Microchip Technology DM160218 Datasheet HTML 17Page - Microchip Technology DM160218 Datasheet HTML 18Page - Microchip Technology DM160218 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Overview
 2013 Microchip Technology Inc.
DS40001721A-page 15
1.4
HILLSTAR DEVELOPMENT KIT REFERENCE ELECTRODES
The Hillstar development kit includes a collection of layout references (Gerber files) for
electrode designs and ready-to-use sensor modules with MGC3130 backside
assembly.
The following electrode designs are included:
• 140x90 mm sensitive area – outline 168 x 119 mm
• 95x60 mm sensitive area – outline of 120 x 85 mm
• 80x80 mm sensitive area – outline 104 x 104 mm
• 100x50 mm sensitive area – outline 128 x 72 mm
• 50x30 mm sensitive area – outline 63 x 47 mm
• 30x30 mm sensitive area – outline 49 x 49 mm
Sensor Modules
• 95x60 mm sensitive area – outline of 120 x 85 mm
• 30x30 mm sensitive area – outline 49 x 52 mm
FIGURE 1-2:
HILLSTAR DEVELOPMENT KIT REFERENCE
ELECTRODES
Dimensions of the designs are given in Table 1-1 and Figure 1-3 below.
140x90
100x50
95x60
80x80
50x30
30x30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com