Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACT109SC Datasheet(PDF) 7 Page - ON Semiconductor

Part # 74ACT109SC
Description  Dual JK Positive Edge-Triggered Flip-Flop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT109SC Datasheet(HTML) 7 Page - ON Semiconductor

Back Button 74ACT109SC Datasheet HTML 3Page - ON Semiconductor 74ACT109SC Datasheet HTML 4Page - ON Semiconductor 74ACT109SC Datasheet HTML 5Page - ON Semiconductor 74ACT109SC Datasheet HTML 6Page - ON Semiconductor 74ACT109SC Datasheet HTML 7Page - ON Semiconductor 74ACT109SC Datasheet HTML 8Page - ON Semiconductor 74ACT109SC Datasheet HTML 9Page - ON Semiconductor 74ACT109SC Datasheet HTML 10Page - ON Semiconductor 74ACT109SC Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC109, 74ACT109 Rev. 1.5
7
AC Electrical Characteristics for ACT
Note:
8. Voltage range 5.0 is 5.0V ± 0.5V
AC Operating Requirements for ACT
Note:
9. Voltage range 5.0 is 5.0V ± 0.5V
Capacitance
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ. Max.
Min.
Max.
fMAX
Maximum Clock Frequency
5.0
145
210
125
MHz
tPLH
Propagation Delay,
CPn to Qn or Qn
5.0
4.0
7.0
11.0
3.5
13.0
ns
tPHL
Propagation Delay,
CPn to Qn or Qn
5.0
3.0
6.0
10.0
2.5
11.5
ns
tPLH
Propagation Delay,
CDn or SDn to Qn or Qn
5.0
2.5
5.5
9.5
2.0
10.5
ns
tPHL
Propagation Delay
5.0
2.5
6.0
10.0
2.0
11.5
ns
CDn or SDn to Qn or Qn
Symbol
Parameter
VCC (V)
(9)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Jn or Kn to CPn
5.0
0.5
2.0
2.5
ns
tH
Hold Time, HIGH or LOW,
Jn or Kn to CPn
5.0
0
2.0
2.0
ns
tW
Pulse Width,
CPn or CDn or SDn
5.0
3.0
5.0
6.0
ns
trec
Recovery Time,
CDn or SDn to CPn
5.0
–2.5
0
0
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
35.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com