Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS53 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CS53
Description  RF COILS < SMD Type: CS Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS53 Datasheet(HTML) 2 Page - Sumida Corporation

  CS53 Datasheet HTML 1Page - Sumida Corporation CS53 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CS53, CS53N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
RF COILS < SMD Type: CS Series>
③④
S
S
S
Connection (Bottom View)
CS53
CS53N
S”is winding start.
Specification(CS53)
(1-3)
Measuring Conditions
Inductance
.14μH±5% Within
.96MHz
Unloaded Q
18
Ref.
.96MHz
Specification(CS53N)
NO.
Part No.
Winding
(T)
(4-6)
Inductance
(Typ.)(4-6)
Tuning
Capacitance (4-6)
(Within)
Qu(Min.)
(4-6)
Measuring
Frequency
01
TG-4OP-1298-Ø1
1
5.1nH
73pF±5%
35
120MHz
02
TG-4OP-1298-Ø2
2
27.6nH
59.5pF±1%
35
100MHz
03
TG-4OP-1298-Ø3
3
55.3nH
35.0pF±1%
40
100MHz
04
TG-4OP-1298-Ø4
4
94.6nH
22.1pF±1%
40
100MHz
05
TG-4OP-1298-Ø5
5
149.7nH
14.4pF±1%
40
100MHz
3
2
1
4
6
S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com