Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PX600-200GV. Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PX600-200GV.
Description  Subminiature flush diaphragm pressure transducer with 3⁄8-24 thread
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PX600-200GV. Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PX600-200GV. Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-43
Subminiature fluSh diaphragm
preSSure tranSducer
with 3⁄8-24 thread
0-200 to 0-10,000 psi
0-13.8 to 0-689 bar
SpecificationS
excitation: 5 Vdc @15 mA
output: 10 mV typical @ 5 Vdc
Sensitivity: 2 mV/V nominal
input impedance: 350 Ω min
output Resistance: 350 Ω min
insulation Resistance: 5 MΩ @ 75 Vdc
accuracy: ±1% FS
(linearity and hysteresis combined)
Repeatability: ±0.1% FS
Zero Balance: ±3% FS
operating temperature Range:
-54 to 121°C (-65 to 250°F)
compensated temperature Range:
16 to 71°C (60 to 160°F)
thermal Zero effect: <±0.018% full scale/°C
thermal Sensitivity effect: ±0.036%
reading/°C
proof pressure: 150% range
Burst pressure: 400% range
Body and Diaphragm Material:
17-4 PH stainless steel
o-Ring: 2-011, FKM
electrical connection: 4-conductor cable
Weight: 14 g (0.5 oz)
U
all Stainless Steel
Diaphragm and threaded
Sidewall construction
U
Rugged Stainless
Steel case protects
components in industrial
environments
U
Uses a Standard 5 Vdc
Regulated power Supply
for Maximum Versatility
U
custom Subminiature
Design techniques
provide Small Size and
preserve accuracy
pX600-500GV shown
actual size.
Comes complete with 5-point calibration and FKM O-rings.
** Meter excitation voltage requires field adjustment by customer to 5 Vdc.
Ordering Example: PX600-200GV, 200 psig subminiature transducer.
13
(0.50)
7.9
(0.31)
3/8-24
O-RING GROOVE
(SUPPLIED)
11 (7/16)
WRENCH FLAT
1.5 m (5')
TWISTED LEAD
WIRES
11
(0.44)
17
(0.67)
DIAPHRAGM
OD-PX60U
WIRING CODE
RED =
+EXC
BLK =
- EXC
GREEN = - OUT
WHITE = +OUT
Dimensions: mm (inch)
MoDel no. DeScRiption
2-011-p
Polyvinyl O-rings, 10 pack
2-011-V
FKM O-rings, 10 pack
acceSSoRieS
Standard
pX600 Series
To Order
RanGe
psig
bar
MoDel no.
coMpatiBle MeteRS
0 to 200
0 to 13.8
pX600-200GV
DP41-S
**, DP25B-S**, DP87**
0 to 500
0 to 34.5
pX600-500GV
DP41-S
**, DP25B-S**, DP87**
0 to 1000
0 to 68.9
pX600-1KGV
DP41-S
**, DP25B-S**, DP87**
0 to 2000
0 to138
pX600-2KGV
DP41-S
**, DP25B-S**, DP87**
0 to 3000
0 to 207
pX600-3KGV
DP41-S
**, DP25B-S**, DP87**
0 to 5000
0 to 345
pX600-5KGV
DP41-S
**, DP25B-S**, DP87**
0 to 10,000
0 to 689
pX600-10KGV
DP41-S
**, DP25B-S**, DP87**


Similar Part No. - PX600-200GV.

ManufacturerPart #DatasheetDescription
logo
NEC
PX602UL NEC-PX602UL Datasheet
682Kb / 2P
NEC Hybrid Laser Projector
PX602WL NEC-PX602WL Datasheet
652Kb / 2P
NEC Hybrid Laser Projector
logo
Omega Engineering, Inc.
PX603 OMEGA-PX603 Datasheet
565Kb / 2P
THIN-FILM TRANSDUCERS FOR GAGE, VACUUM, OR COMPOUND RANGES RUGGED STAINLESS STEEL CONSTRUCTION
PX603-30VAC5V OMEGA-PX603-30VAC5V Datasheet
565Kb / 2P
THIN-FILM TRANSDUCERS FOR GAGE, VACUUM, OR COMPOUND RANGES RUGGED STAINLESS STEEL CONSTRUCTION
PX605-060GI OMEGA-PX605-060GI Datasheet
565Kb / 2P
THIN-FILM TRANSDUCERS FOR GAGE, VACUUM, OR COMPOUND RANGES RUGGED STAINLESS STEEL CONSTRUCTION
More results

Similar Description - PX600-200GV.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST1510 ETC1-ST1510 Datasheet
31Kb / 2P
0-5 Vdc FLUSH DIAPHRAGM PRESSURE TRANSDUCER
logo
Fuji Electric
EDS5-55A FUJI-EDS5-55A Datasheet
238Kb / 6P
OPTICAL GAUGE PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDS6-78A FUJI-EDS6-78A Datasheet
215Kb / 4P
OPTICAL DIFFERENTIAL PRESSURE TRANSMITTER WITH REMOTE SEAL DIAPHRAGM
EDSX5-93H FUJI-EDSX5-93H Datasheet
296Kb / 8P
PRESSURE TRANSMITTER Hydroseal짰 Diaphragm Version
logo
Copal Electronics
PA-850 COPAL-PA-850 Datasheet
1Mb / 4P
Pressure transducer with amp
logo
TE Connectivity Ltd
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com