Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP148 Datasheet(PDF) 1 Page - Prokits Industries Co., LTD

Part # CP148
Description  Network Installation Tool Kit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSKITINDUSTRIES [Prokits Industries Co., LTD]
Direct Link  https://www.prokits.com.tw/
Logo PROSKITINDUSTRIES - Prokits Industries Co., LTD

CP148 Datasheet(HTML) 1 Page - Prokits Industries Co., LTD

  CP148 Datasheet HTML 1Page - Prokits Industries Co., LTD CP148 Datasheet HTML 2Page - Prokits Industries Co., LTD CP148 Datasheet HTML 3Page - Prokits Industries Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PROKIT'S INDUSTRIES CO., LTD
5F, No.7, Lane 130, Ming­Chung Rd.,
Hsin­Tien Dist, New Taipei City, Taiwan, R.O.C
TEL:886 2 2218 3233 FAX:+886 2 2218 2722
E­mail:pk@mail.prokits.com.tw
http://www.prokits.com.tw
PRODUCT SPECIFICATION
EN#:4711552161908
PK­4013
Network Installation Tool Kit
BOM:
0CS­PK4013
9CP­148
CP­148
Splics & Crimp Tool
SIP
9CP­3141
CP­3141
KRONE IMPACT TOOL
SIP
產品圖
9CP­376KX
Professional Modular Crimps Strips & Cuts Tool (4P/6P/8P & RJ11/6P6C DEC­Offset plugs)
產品圖
9CP­501BN
Wire Stripper Tool
9DK­2039
DK­2039
Utility Knife (3 Blades Self Loading)
SIP
9DK­2060
3M Auto Stop Measuring Tape
9FL­516
9PCS LED Flashlight
9PK­067DS 1PK­067DS
Dual Color Side Cutting Plier (165mm)
SIP
9SD­329H
Screwdriver Probe Voltage Tester
9ST­4013
Tool Bag
CP­302G
Precision Wire Stripper (AWG 20/18/16/14/12/10)
MT­7058
Mini Lan Cable Tester
SD­5101A
Line Color Screwdriver (­3.0x 75mm)
SD­5101B
Line Color Screwdriver (#0 x 75mm)
SD­5107A
Line Color Screwdriver (­6.0 x 100mm)
SD­5107B
Line Color Screwdriver (#2 x 100mm)
Product Weight (w/o package):
Weight(g)
Measurement
0
L(mm)
W(mm)
H(mm)
0
0
0
Individual Packing
Packing:
Master Packing:
Pieces
N.W. 
(Kg)
G.W. 
(Kg)
Measurement
CUFT
L(cm)
W(cm)
H(cm)
Individual Packing
1
­
2.125
0
0
0
­
Inner Box
1
0
0
0
0
0
0
CTN
8
17
18
49.5
38.5
26.5
1.78
1


Similar Part No. - CP148

ManufacturerPart #DatasheetDescription
logo
Prokits Industries Co.,...
CP148 PROSKITINDUSTRIES-CP148 Datasheet
728Kb / 3P
Telecom & Network Installer to ol kits
CP148 PROSKITINDUSTRIES-CP148 Datasheet
670Kb / 2P
Telecom & Network Installer to ol kits
logo
Ledil, Inc.
CP14866 LEDIL-CP14866 Datasheet
13Mb / 9P
~10째 real spot beam
CP14876 LEDIL-CP14876 Datasheet
3Mb / 5P
~70째 wide beam
CP14877 LEDIL-CP14877 Datasheet
2Mb / 5P
~90째 35째 oval beam
More results

Similar Description - CP148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX103142 ETC2-AX103142 Datasheet
168Kb / 3P
Modular Connectors - Optimax Enhanced Installation Tool Kit
AX103147 ETC2-AX103147 Datasheet
135Kb / 3P
Modular Connectors - Optimax Enhanced Installation Tool Kit Upgrade
logo
PANDUIT CORP.
C41678 PANDUIT-C41678 Datasheet
131Kb / 1P
COMPLETE INSTALLATION RACK KIT
logo
Winchester Electronics ...
KTW-13 WINCHESTER-KTW-13 Datasheet
28Kb / 1P
INSTALLATION EXTRACTION TOOL
logo
TE Connectivity Ltd
408-8778 TEC-408-8778 Datasheet
72Kb / 2P
Installation Tool 1059773-1?
logo
PHOENIX CONTACT
1212422 PHOENIX-1212422 Datasheet
63Kb / 3P
Tool set - TOOL-KIT STANDARD
logo
Tripp Lite. All Rights ...
N046-000 TRIPPLITE-N046-000 Datasheet
153Kb / 2P
110/66 Punch Down Installation Tool for Cat6a/Cat6/Cat5e/Cat5 Network Cable
T016-004-K TRIPPLITE-T016-004-K Datasheet
173Kb / 2P
4-Piece Network Installer Tool Kit with Carrying Case
logo
Amphenol SV Microwave
500-32-042 SVMICROWAVE-500-32-042 Datasheet
93Kb / 1P
10.493" SMPM INSTALLATION/REMOVAL TOOL
02/20
logo
Vaisala
HMT330MIK VAISALA-HMT330MIK Datasheet
1Mb / 2P
Meteorological Installation Kit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com