Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS54 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CS54
Description  RF COILS < SMD Type: CS Series>
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CS54 Datasheet(HTML) 1 Page - Sumida Corporation

  CS54 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type: CS54
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1
RF COILS < SMD Type: CS Series>
Product Description
・5.9×5.9mm Max.(L×W), 4.5mm Max. Height.
・Inductance: 5μH Max.
・Operating frequency:150MHz Max.
・In addition to the reference versions of parameters shown here, custom designs
are available to meet your exact requirements.
Feature
・Variable shielded type.
Preset products are available.
・RoHS Compliance.
Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch should be measured at the root of terminal.
* Dimensions without tolerance are approx.
Connection (Bottom View)
Land Patterns (mm)
“S”is winding start.
Specification (Part No. 24-Ø288ØZØ1-A)
Item
(1−3)
Measuring Condition
Tuning Capacity
21.0pF±1% Variable
100MHz
Unloaded Q
75±25%
Within
100MHz
Preset
21.0pF±2% Within
100MHz
5.6±0.3
4.5 Max.
0.8±0.2
6.2±0.2
4.5


Similar Part No. - CS54

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
CS54-06A FUJI-CS54-06A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
CS54-08A FUJI-CS54-08A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
CS5421GD16 ONSEMI-CS5421GD16 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
CS5421GDR16 ONSEMI-CS5421GDR16 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
More results

Similar Description - CS54

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS-4 SUMIDA-CS-4 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS-4 Series>
CY-4 SUMIDA-CY-4 Datasheet
88Kb / 2P
Filter Coils < SMD Type: CY Series>
CFB3-6 SUMIDA-CFB3-6 Datasheet
152Kb / 2P
Filter Coils< SMD Type: CFB Series>
CPG54 SUMIDA-CPG54 Datasheet
34Kb / 1P
IFT COILS < SMD Type: CPG Series>
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS Series>
CS-5F SUMIDA-CS-5F Datasheet
30Kb / 1P
RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
RF COILS < SMD Type: CS Series>
CY-4T SUMIDA-CY-4T Datasheet
89Kb / 2P
Filter Coils < SMD type: CY Series>
CFE654 SUMIDA-CFE654 Datasheet
126Kb / 1P
RF Coils < SMD Type: CFE Series>
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com