Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8655DMAS2B13KLF Datasheet(PDF) 7 Page - Amphenol Communications Solutions

Part # 8655DMAS2B13KLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

8655DMAS2B13KLF Datasheet(HTML) 7 Page - Amphenol Communications Solutions

Back Button 8655DMAS2B13KLF Datasheet HTML 3Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 4Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 5Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 6Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 7Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 8Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 9Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 10Page - Amphenol Communications Solutions 8655DMAS2B13KLF Datasheet HTML 11Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
6• STRAIGHT EXIT MONOBLOCK PLASTIC HOOD FOR POTTING
7• ANGLE EXIT MONOBLOCK PLASTIC HOOD FOR POTTING
with cable tie
with screw and plate strain relief
Shell Size
Part Numbers
A
B
C
D
E
F
G
Hood with
cable tie
Hood with
screw and plate
Min.
Max.
E
86305002BLF
86303925ALF
30.60
12.50
25.00
26.20
10.50
10.50
2.70
7.10
A
863026BLF
86303926ALF
38.90
12.50
33.32
28.60
12.50
10.50
4.50
9.10
B
863027BLF
86303927ALF
52.80
12.50
47.05
36.40
17.00
10.50
9.20
13.60
C
863028BLF
86303928ALF
69.10
12.50
63.50
42.60
24.00
10.50
9.20
20.60
D
863029BLF
86303929ALF
66.70
15.30
61.10
41.00
24.00
13.30
9.20
20.60
with cable tie
with screw and plate strain relief
Shell Size
Part Numbers
A
B
C
D
E
F
G
H
Hood with
cable tie
Hood with
screw and plate
Min.
Max.
E
863086BLF
86303920ALF
30.60
12.50
25.00
29.00
9.90
9.90
2.70
7.10
10.50
A
863021BLF
86303921ALF
38.90
12.50
33.32
29.00
9.90
11.90
4.50
9.10
10.50
B
863022BLF
86303922ALF
52.80
12.50
47.05
35.00
9.90
16.40
9.20
13.60
10.50
C
863023BLF
86303923ALF
69.10
12.50
63.50
41.00
9.90
23.40
9.20
20.60 10.50
D
863024BLF
86303924ALF
66.70
15.30
61.10
41.00
12.70
23.40
9.20
20.60 13.30
TECHNICAL INFORMATION
• Material: Self-extinguishing
• UL rated 94V-0 thermoplastic
• Operating Temperature Range: -55°C to +110°C
• Colour: Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com