Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC640M Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC640M
Description  CDx4HC640 CDx4HCT640 High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC640M Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC640M Datasheet HTML 2Page - Texas Instruments CD74HC640M Datasheet HTML 3Page - Texas Instruments CD74HC640M Datasheet HTML 4Page - Texas Instruments CD74HC640M Datasheet HTML 5Page - Texas Instruments CD74HC640M Datasheet HTML 6Page - Texas Instruments CD74HC640M Datasheet HTML 7Page - Texas Instruments CD74HC640M Datasheet HTML 8Page - Texas Instruments CD74HC640M Datasheet HTML 9Page - Texas Instruments CD74HC640M Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
5.5 Switching Characteristics
(2)
Input tt = 6ns. Unless otherwise specified, CL = 50pF
PARAMETER
VCC (V)
25°C
-40°C to 85°C
-55°C to 125°C
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
HC TYPES
tpd
Propagation delay
A to B
B to A
2
90
115
135
ns
4.5
7
(1)
18
23
27
6
15
20
23
tpd
Propagation delay
Output High-Z
To high level,
low level
2
150
190
225
ns
4.5
12
(1)
30
38
45
6
26
33
38
tpd
Propagation delay
Output high level
Output lowe level to high Z
2
150
190
225
ns
4.5
12
(1)
30
38
45
6
26
33
38
tt
Output transition time
2
60
75
90
ns
4.5
12
15
18
6
10
13
15
Ci
Input Capacitance
10
10
10
10
pF
CO
Three-state output
capacitance
20
20
20
pF
Cpd
Power dissipation capacitance
(3) (4)
5
38
pF
HCT TYPES
tpd
Propagation delay
A to B
B to A
4.5
9
(1)
22
28
33
ns
tpd
Propagation delay
Output High-Z
To high level,
low level
4.5
12
(1)
30
38
ns
tpd
Propagation delay
Output high level
Output lowe level to high Z
4.5
12
(1)
30
38
ns
tt
Transition times
4.5
12
15
ns
Ci
Input capacitance
10
10
10
pF
CO
Three-state output
capacitance
20
20
pF
Cpd
Power dissipation capacitance
(3) (4)
5
41
pF
(1)
Typical value tested at 5V, CL = 15pF.
(2)
For details on CMOS power calculation see, SCAA053B
(3)
CPD is used to determine the dynamic power consumption, per channel
(4)
PD = VCC 2 fi (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD54HC640, CD74HC640, CD54HCT640, CD74HCT640
SCHS192C – NOVEMBER 1998 – REVISED JULY 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC640 CD74HC640 CD54HCT640 CD74HCT640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com