Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC243M Datasheet(PDF) 4 Page - Texas Instruments

Part # CD74HC243M
Description  CDx4HC243, CDx4HCT243 High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC243M Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC243M Datasheet HTML 1Page - Texas Instruments CD74HC243M Datasheet HTML 2Page - Texas Instruments CD74HC243M Datasheet HTML 3Page - Texas Instruments CD74HC243M Datasheet HTML 4Page - Texas Instruments CD74HC243M Datasheet HTML 5Page - Texas Instruments CD74HC243M Datasheet HTML 6Page - Texas Instruments CD74HC243M Datasheet HTML 7Page - Texas Instruments CD74HC243M Datasheet HTML 8Page - Texas Instruments CD74HC243M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Supply voltage
-0.5
7
V
IIK
Input diode current
For VI < -0.5V or VO > VCC + 0.5V
±20
mA
IOK
Output diode current
For VC < -0.5V or VO > VCC + 0.5V
±20
mA
IO
Drian Current, per output
For -0.5V < VO < VCC + 0.5V
±35
mA
IO
Output source or sink current per
output pin
For VO > -0.5V or VO < VCC + 0.5V
±25
mA
Continuous current through VCC or GND
±70
mA
Tstg
Storage temperature range
-65
150
°C
TJ
Junction temperature
150
°C
Lead temperature (Soldering 10s)(SOIC - Lead Tips Only)
300
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
5.2 Recommended Operating Conditions
MIN
MAX
UNIT
VCC
Supply voltage range
HC Types
2
6
V
HCT Types
4.5
5.5
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
tt
Input rise and fall time
VCC = 2V
1000
ns
VCC = 4.5V
500
VCC = 6V
400
TA
Temperature Range
-55
125
°C
5.3 Thermal Information
THERMAL METRIC
N (PDIP)
D (SOIC)
UNIT
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance(1)
80
86
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
CD54HC243, CD74HC243, CD54HCT243, CD74HCT243
SCHS168E – NOVEMBER 1998 – REVISED MARCH 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD54HC243 CD74HC243 CD54HCT243 CD74HCT243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com