Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25501F3 Datasheet(PDF) 11 Page - Texas Instruments

Part # CSD25501F3
Description  CSD25501F3 –20V P-Channel FemtoFET™ MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25501F3 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CSD25501F3 Datasheet HTML 4Page - Texas Instruments CSD25501F3 Datasheet HTML 5Page - Texas Instruments CSD25501F3 Datasheet HTML 6Page - Texas Instruments CSD25501F3 Datasheet HTML 7Page - Texas Instruments CSD25501F3 Datasheet HTML 8Page - Texas Instruments CSD25501F3 Datasheet HTML 9Page - Texas Instruments CSD25501F3 Datasheet HTML 10Page - Texas Instruments CSD25501F3 Datasheet HTML 11Page - Texas Instruments CSD25501F3 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
2X (0.15)
(0.4)
2X (0.25)
2X (0.2)
(0.4)
(0.5)
(0.15)
(R0.05) TYP
(0.175)
4223685/A 05/2017
PicoStar
- 0.22 mm max height
YJN0003A
PicoStar
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
TM
TM
SOLDER PASTE EXAMPLE
BASED ON 0.075 - 0.1 mm THICK STENCIL
SCALE:50X
PKG
1
2
SYMM
3
2X SOLDER MASK EDGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com