Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25501F3.B Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD25501F3.B
Description  CSD25501F3 –20V P-Channel FemtoFET™ MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD25501F3.B Datasheet(HTML) 5 Page - Texas Instruments

  CSD25501F3.B Datasheet HTML 1Page - Texas Instruments CSD25501F3.B Datasheet HTML 2Page - Texas Instruments CSD25501F3.B Datasheet HTML 3Page - Texas Instruments CSD25501F3.B Datasheet HTML 4Page - Texas Instruments CSD25501F3.B Datasheet HTML 5Page - Texas Instruments CSD25501F3.B Datasheet HTML 6Page - Texas Instruments CSD25501F3.B Datasheet HTML 7Page - Texas Instruments CSD25501F3.B Datasheet HTML 8Page - Texas Instruments CSD25501F3.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
4.3 Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.35
0.45
0.55
0.65
0.75
0.85
0.95
1.05
D006
ID = –250µA
Figure 4-6. Threshold Voltage vs Temperature
-VGS - Gate-To-Source Voltage (V)
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
30
60
90
120
150
180
D007
TC = 25° C, ID = -0.4 A
TC = 125° C, ID = -0.4 A
Figure 4-7. On-State Resistance vs Gate-to-Source Voltage
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
D008
VGS = -1.8 V
VGS = -2.5 V
VGS = -4.5 V
ID = –0.4A
Figure 4-8. Normalized On-State Resistance vs Temperature
-VSD - Source-To-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
D009
TC = 25qC
TC = 125qC
Figure 4-9. Typical Diode Forward Voltage
-VDS - Drain-To-Source Voltage (V)
0.1
1
10
100
0.1
1
10
100
D010
100 ms
10 ms
1 ms
100 µs
Single pulse, typical RθJA = 255°C/W
Figure 4-10. Maximum Safe Operating Area
TA - Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
D011
Typical RθJA = 90°C/W
Figure 4-11. Maximum Drain Current vs Temperature
www.ti.com
CSD25501F3
SLPS692C – OCTOBER 2017 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CSD25501F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com