Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

86552153TLF Datasheet(PDF) 4 Page - Amphenol Communications Solutions

Part # 86552153TLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

86552153TLF Datasheet(HTML) 4 Page - Amphenol Communications Solutions

  86552153TLF Datasheet HTML 1Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 2Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 3Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 4Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 5Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 6Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 7Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 8Page - Amphenol Communications Solutions 86552153TLF Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
2• UNIVERSAL PLASTIC HOOD WITH METAL CLAMP FOR STRAIN RELIEF
- ECONOMICAL SERIES
Shell Size
Part Numbers
(Black Hood)
Part
Numbers
(Metalized Hood)
A
B
C
With Clamp
Without Clamp
D
E
D
E
min.
max.
E
863093C09ALF
863093C09MLF
29.75
15.50
24.25
6
1.90
0.10
8
11.50
A
863093C15ALF
863093C15MLF
29.75
15.50
32.50
6
1.90
0.10
8
11.50
B
863093C25ALF
863093C25MLF
46.50
15.50
46.00
13.50
2.60
0.10
16
11.50
C
863093C37ALF
863093C37MLF
46.50
15.50
60.50
13.50
2.60
0.10
16
11.50
D
863093C50ALF
863093C50MLF
46.50
18.00
56.50
15.50
4.40
12.60
18
14.00
All dimensions in mm.
3• STRAIGHT EXIT “SNAP TOGETHER” PLASTIC HOOD
Size D
Size E, A,B,C
• Material (black hood): Self-extinguishing
UL94V-0 thermoplastic
• Material (metalized): Thermoplastic
• Temperature Range: -55°C +125°C
• Packaging: Individual sets
Shell Size
Part Numbers
A
B
C
D
E
With Clamp
Without Clamp
G
F
G
F
min.
max.
E (9)
86303637BLF
31.0
36.2
32.4
24.99
15
1
5.5
8.5
7
8.5
A (15)
86303638BLF
39.5
40.2
40.7
33.32
15
4
7
12
11
12
B (25)
86303639BLF
53.2
40.2
54.4
47.04
15
4
7
12
11
12
C (37)
86303640BLF
69.7
40.2
70.9
63.5
15
4
7
12
11
12
D (50)
86303641CLF
67.2
43.7
71.2
61.11
15
4
11.5
15.5
14
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com