Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8565IBPW Datasheet(PDF) 39 Page - Texas Instruments

Part # DAC8565IBPW
Description  16-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter with 2.5V, 2ppm/°C Internal Reference
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8565IBPW Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC8565IBPW Datasheet HTML 35Page - Texas Instruments DAC8565IBPW Datasheet HTML 36Page - Texas Instruments DAC8565IBPW Datasheet HTML 37Page - Texas Instruments DAC8565IBPW Datasheet HTML 38Page - Texas Instruments DAC8565IBPW Datasheet HTML 39Page - Texas Instruments DAC8565IBPW Datasheet HTML 40Page - Texas Instruments DAC8565IBPW Datasheet HTML 41Page - Texas Instruments DAC8565IBPW Datasheet HTML 42Page - Texas Instruments DAC8565IBPW Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
DAC8565
www.ti.com
SBAS411C
– JUNE 2007 – REVISED MARCH 2011
PARAMETER DEFINITIONS
With the increased complexity of many different
Full-Scale Error
specifications listed in product data sheets, this
Full-scale error is defined as the deviation of the real
section summarizes selected specifications related to
full-scale output voltage from the ideal output voltage
digital-to-analog converters.
while the DAC register is loaded with the full-scale
code (0xFFFF). Ideally, the output should be VDD – 1
STATIC PERFORMANCE
LSB. The full-scale error is expressed in percent of
Static performance parameters are specifications
full-scale range (%FSR).
such as differential nonlinearity (DNL) or integral
nonlinearity (INL). These are dc specifications and
Offset Error
provide information on the accuracy of the DAC. They
The offset error is defined as the difference between
are most important in applications where the signal
actual output voltage and the ideal output voltage in
changes slowly and accuracy is required.
the linear region of the transfer function. This
difference is calculated by using a straight line
Resolution
defined by two codes (code 485 and 64714). Since
Generally, the DAC resolution can be expressed in
the offset error is defined by a straight line, it can
different forms. Specifications such as IEC 60748-4
have a negative or positve value. Offset error is
recognize
the
numerical,
analog,
and
relative
measured in mV.
resolution. The numerical resolution is defined as the
number of digits in the chosen numbering system
Zero-Code Error
necessary to express the total number of steps of the
The zero-code error is defined as the DAC output
transfer characteristic, where a step represents both
voltage, when all '0's are loaded into the DAC
a digital input code and the corresponding discrete
register. Zero-scale error is a measure of the
analogue output value. The most commonly-used
difference between actual output voltage and ideal
definition of resolution provided in data sheets is the
output voltage (0V). It is expressed in mV. It is
numerical resolution expressed in bits.
primarily caused by offsets in the output amplifier.
Least Significant Bit (LSB)
Gain Error
The least significant bit (LSB) is defined as the
Gain error is defined as the deviation in the slope of
smallest value in a binary coded system. The value of
the real DAC transfer characteristic from the ideal
the LSB can be calculated by dividing the full-scale
transfer function. Gain error is expressed as a
output voltage by 2n, where n is the resolution of the
percentage of full-scale range (%FSR).
converter.
Full-Scale Error Drift
Most Significant Bit (MSB)
Full-scale error drift is defined as the change in
The most significant bit (MSB) is defined as the
full-scale
error
with
a
change
in
temperature.
largest value in a binary coded system. The value of
Full-scale
error
drift
is
expressed
in
units
the MSB can be calculated by dividing the full-scale
of %FSR/
°C.
output voltage by 2. Its value is one-half of full-scale.
Offset Error Drift
Relative Accuracy or Integral Nonlinearity (INL)
Offset error drift is defined as the change in offset
Relative accuracy or integral nonlinearity (INL) is
error with a change in temperature. Offset error drift
defined as the maximum deviation between the real
is expressed in
μV/°C.
transfer function and a straight line passing through
the endpoints of the ideal DAC transfer function. DNL
Zero-Code Error Drift
is measured in LSBs.
Zero-code error drift is defined as the change in
Differential Nonlinearity (DNL)
zero-code error with a change in temperature.
Zero-code error drift is expressed in
μV/°C.
Differential nonlinearity (DNL) is defined as the
maximum deviation of the real LSB step from the
Gain Temperature Coefficient
ideal 1LSB step. Ideally, any two adjacent digital
codes correspond to output analog voltages that are
The gain temperature coefficient is defined as the
exactly one LSB apart. If the DNL is less than 1LSB,
change in gain error with changes in temperature.
the DAC is said to be monotonic.
The gain temperature coefficient is expressed in ppm
of FSR/
°C.
Copyright
© 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC8565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com