Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8574IPW.B Datasheet(PDF) 29 Page - Texas Instruments

Part # DAC8574IPW.B
Description  QUAD, 16-BIT, LOW-POWER, VOLTAGE OUTPUT, I 2 C INTERFACE DIGITAL-TO-ANALOG CONVERTER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8574IPW.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC8574IPW.B Datasheet HTML 25Page - Texas Instruments DAC8574IPW.B Datasheet HTML 26Page - Texas Instruments DAC8574IPW.B Datasheet HTML 27Page - Texas Instruments DAC8574IPW.B Datasheet HTML 28Page - Texas Instruments DAC8574IPW.B Datasheet HTML 29Page - Texas Instruments DAC8574IPW.B Datasheet HTML 30Page - Texas Instruments DAC8574IPW.B Datasheet HTML 31Page - Texas Instruments DAC8574IPW.B Datasheet HTML 32Page - Texas Instruments DAC8574IPW.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
www.ti.com
8
6
4
9
5
7
1
2
3
12
14
11
10
13
16
15
DAC8574
VOUTA
VOUTB
VREFH
VDD
VREFL
GND
VOUTC
VOUTD
A3
A2
A1
A0
IOVDD
SDA
SCL
LDAC
SDA
SCL
I2C Pullup Resistors
1 k
Ω to 10 kΩ (typical)
IOVDD
Microcontroller or
Microprocessor With
I2C Port
NOTE: DAC8574 power and input/output connections are omitted for clarity, except I2C Inputs.
USING GPIO PORTS FOR I
2C
DAC8574
SLAS377B – JANUARY 2003 – REVISED DECEMBER 2004
APPLICATION INFORMATION (continued)
Figure 56. Typical DAC8574 Connections
The DAC8574 interfaces directly to standard mode, fast mode and high-speed mode I
2C controllers. Any
microcontroller's I
2C peripheral, including master-only and non-multiple-master I2C peripherals, work with the
DAC8574. The DAC8574 does not perform clock-stretching (i.e., it never pulls the clock line low), so it is not
necessary to provide for this unless other devices are on the same I
2C bus.
Pullup resistors are necessary on both the SDA and SCL lines because I
2C bus drivers are open-drain. The size
of the these resistors depend on the bus operating speed and capacitance on the bus lines. Higher-value
resistors consume less power, but increase the transition times on the bus, limiting the bus speed. Lower-value
resistors allow higher speed at the expense of higher power consumption. Long bus lines have higher
capacitance and require smaller pullup resistors to compensate. If the pullup resistors are too small the bus
drivers may not be able to pull the bus line low.
Most microcontrollers have programmable input/output pins that can be set in software to act as inputs or
outputs. If an I
2C controller is not available, the DAC8574 can be connected to GPIO pins, and the I2C bus
protocol simulated, or bit-banged, in software. An example of this for a single DAC8574 is shown in Figure 57.
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com