Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8580IPW.B Datasheet(PDF) 13 Page - Texas Instruments

Part # DAC8580IPW.B
Description  16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT, DIGITAL-TO-ANALOG CONVERTER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8580IPW.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8580IPW.B Datasheet HTML 9Page - Texas Instruments DAC8580IPW.B Datasheet HTML 10Page - Texas Instruments DAC8580IPW.B Datasheet HTML 11Page - Texas Instruments DAC8580IPW.B Datasheet HTML 12Page - Texas Instruments DAC8580IPW.B Datasheet HTML 13Page - Texas Instruments DAC8580IPW.B Datasheet HTML 14Page - Texas Instruments DAC8580IPW.B Datasheet HTML 15Page - Texas Instruments DAC8580IPW.B Datasheet HTML 16Page - Texas Instruments DAC8580IPW.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
www.ti.com
Reference Input Voltage (VREF)
Power Supply (AVDD, AVSS, DVDD)
SERIAL INTERFACE
DAC8580
SLAS458B – JUNE 2005 – REVISED AUGUST 2005
THEORY OF OPERATION (continued)
On power up, a switching circuitry is used to lower power-on transients. Before power up, the DAC output is
connected to AGND voltage using a 100-k
Ω resistor. During power up, transient output voltages are typically less
than 200 mV. Approximately 30 µs after power up, the output gets set to mid-scale value (power-on reset). This
mid-scale value is around AGND potential within offset error limits.
Table 1. Two's-Complement Data Format
DAC OUTPUT
DIGITAL CODE
BINARY
HEX
+Vref
0111111111111111
7FFF
+Vref/2
0100000000000000
4FFF
0
0000000000000000
0000
–Vref/2
1011111111111111
BFFF
–Vref
1000000000000000
8000
The reference input pin VREF is typically tied to a standard 3-V, 4.096-V, or 5-V external reference. Minimum
external reference voltage that can be used is 3 V. A 0.1-µF (or less) bypass capacitor is recommended,
depending on the load-driving capability of the external voltage reference. To reduce crosstalk and improve
settling time, VREF pin is internally buffered by a high-performance amplifier. Pin VREF has a constant 5-kΩ
impedance to AGND; therefore, a reference driver should be chosen with care. Because the VREF pin does not
induce glitches, multiple DAC8580 devices can share a single external reference without crosstalk concerns. In
addition, because the reference pin does not require fast current spikes, the reference voltage generator can be
heavily filtered to improve noise performance without hurting settling or distortion. The output range of the
DAC8580 is equal to ±VREF. Pin VREF should not be powered before the supply pins. REF3133 and REF3140 are
recommended to set the DAC8580 output range to ±3.3 V and ±4.096 V, respectively. The reference bandwidth
is 10 MHz (small signal) and 3 MHz (large signal).
The DAC8580 uses ±5-V analog power supplies (AVDD, AVSS) and a 1.8-V to 5.5-V digital supply (DVDD). Analog
and digital ground pins (AGND and DGND) are also provided. For low-noise operation, analog and digital power,
and ground pins should be separated. Sufficient bypass capacitors, at least 1 µF, should be placed between
AVDD and AVSS, AVSS and DGND, and DVDD and DGND pins. Series inductors are not recommended on the
supply paths. AVDD, DVDD, AVSS, and VREF should be applied together. VREF must not be applied before AVDD
and AVSS. During power up, all digital inputs and the reference input should be kept at zero volts. If any pin is
brought high before the power supplies, overvoltage protection circuitry turns on.
The DAC8580 serial interface consists of serial data input pin SDIN, bit clock pin SCLK, and word clock pin
FSYNC. The serial interface is designed to support the right-justified (mono) audio format. The serial inputs are
1.8-V to 5.5-V logic compatible.
Data from SDIN pin is continuously clocked into a 16-bit shift register, at each rising edge of SCLK. Falling edge
of the FSYNC latches the shift register data into a 16-bit temporary register. The second rising edge of SCLK
following the falling edge of FSYNC transfers the data stored in the temporary register to the DAC latch when the
digital filter is turned off; when the digital filter is on, data is transferred to the digital filter. That is, DAC data is
updated 1.5 clock cycles after the falling edge of FSYNC when the digital filter is off. The shift register
continuously performs a shift operation; therefore, on the falling edge of the word clock FSYNC, the last 16 bits
received determines the data update (right-justified). Data is received MSB-first. This operation provides a
simplified timing for the digital filter, and enables clock rates exceeding 30 MHz. See the timing diagram for
details.
13
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com