Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC3435 Datasheet(PDF) 21 Page - Texas Instruments

Part # DLPC3435
Description  DLPA2000 Power Management and LED/Lamp Driver IC
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DLPC3435 Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC3435 Datasheet HTML 17Page - Texas Instruments DLPC3435 Datasheet HTML 18Page - Texas Instruments DLPC3435 Datasheet HTML 19Page - Texas Instruments DLPC3435 Datasheet HTML 20Page - Texas Instruments DLPC3435 Datasheet HTML 21Page - Texas Instruments DLPC3435 Datasheet HTML 22Page - Texas Instruments DLPC3435 Datasheet HTML 23Page - Texas Instruments DLPC3435 Datasheet HTML 24Page - Texas Instruments DLPC3435 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
CORE
INC
CORE
CORE
OUT
V
1
V
1
V
V
ESR
L
f
8
C
f
§
·
'
u
u ¨
¸
u
u
u
©
¹
SW4LIM_EN
1
0
VLED
BUCK-BOOST
VDAC
ILIM [3:0]
200
IDAC
SW4_IDAQ [9:0]
1
0
1
0
RLIM
STROBE
DECODER
LED_SEL [1:0]
MAP
FB
VLED
SW4
SW5
SW6
RLIM
RLIM_K
E/ A
E/ A
E/ A
I-LED
I-LED
I-LED
I-DAC
RBOT_K
SW5_IDAQ [9:0]
SW6_IDAQ [9:0]
SW5LIM_EN
SW6LIM_EN
21
DLPA2000
www.ti.com
DLPS043B – JUNE 2014 – REVISED FEBRUARY 2018
Product Folder Links: DLPA2000
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
Figure 10. LED Driver Block Diagram
7.3.7 1.1-V Regulator (Buck Converter)
The buck converter creates a voltage of 1.1 V, and due to its switching nature, an output ripple with a frequency
of approximately 2.25 MHz occurs on its output. This ripple is strongly dependent on the decoupling capacitor at
the output in combination with the inductor. The magnitude of the ripple can be calculated with Equation 6.
(6)
The best way to minimize this ripple is to select a capacitor with a very-low ESR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com