Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70522BLF Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # 70522BLF
Description  D-Subminiature (D-Sub) Accessories
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

70522BLF Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  70522BLF Datasheet HTML 1Page - Amphenol Communications Solutions 70522BLF Datasheet HTML 2Page - Amphenol Communications Solutions 70522BLF Datasheet HTML 3Page - Amphenol Communications Solutions 70522BLF Datasheet HTML 4Page - Amphenol Communications Solutions 70522BLF Datasheet HTML 5Page - Amphenol Communications Solutions 70522BLF Datasheet HTML 6Page - Amphenol Communications Solutions 70522BLF Datasheet HTML 7Page - Amphenol Communications Solutions 70522BLF Datasheet HTML 8Page - Amphenol Communications Solutions 70522BLF Datasheet HTML 9Page - Amphenol Communications Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.amphenol-icc.com
Disclaimer
Please note that the above information is subject to change without notice.
D-Subminiature (D-Sub) Accessories
1 • STRAIGHT EXIT PLASTIC HOOD WITH INTEGRATED LOCKING -
ECONOMICAL SERIES
STRAIGHT EXIT HOOD-PLASTIC
Description
Part Numbers
Screw Thread UNC 4-40
8630CH09UNCLF
8630CH15UNCLF
8630CH25UNCLF
8630CH37UNCLF
Screw Thread M3
8630CH09M3LF
8630CH15M3LF
8630CH25M3LF
8630CH37M3LF
PLASTIC HOODS
• Material: Self-extinguishing UL 94 HB Thermoplastic
• Color: Grey
• Temperature Range: -55°C +105°C
• Locking Screws: UNC 4-40 thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com