Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA24-600CW Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA24-600CW
Description  25A TRIACS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA24-600CW Datasheet(HTML) 1 Page - STMicroelectronics

  BTA24-600CW Datasheet HTML 1Page - STMicroelectronics BTA24-600CW Datasheet HTML 2Page - STMicroelectronics BTA24-600CW Datasheet HTML 3Page - STMicroelectronics BTA24-600CW Datasheet HTML 4Page - STMicroelectronics BTA24-600CW Datasheet HTML 5Page - STMicroelectronics BTA24-600CW Datasheet HTML 6Page - STMicroelectronics BTA24-600CW Datasheet HTML 7Page - STMicroelectronics BTA24-600CW Datasheet HTML 8Page - STMicroelectronics BTA24-600CW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
July 2006
Rev 9
1/12
12
BTA24, BTB24, BTA25, BTA26
and T25 series
Snuberrless™ and Standard
25 A Triacs
Main features
Description
Available either in through-hole or surface-mount
packages, the BTA24, BTB24, BTA25, BTA26
and T25 triac series is suitable for general
purpose AC switching. They can be used as an
ON/OFF function in applications such as static
relays, heating regulation, induction motor starting
circuits... or for phase control operation in light
dimmers, motor speed controllers, ...
The snubberless versions (BTA/BTB...W and T25
series) are specially recommended for use on
inductive loads, thanks to their high commutation
performances. By using an internal ceramic pad,
the BTA series provides voltage insulated tab
(rated at 2500VRMS) complying with UL standards
(File ref.: E81734).
Order codes
TM: Snubberless is a trademark of STMicroelectronics
Symbol
Value
Unit
IT(RMS)
25
A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
35 to 50
mA
Part Number
Marking
BTA24-xxxxxRG
See Table 6 on page 6
BTB24-xxxxxRG
BTA25-xxxxxRG
BTA26-xxxxxRG
T25xx-xxxG
T25xx-xxxG-TR
D2PAK
(T25-G)
RD91
(BTA25)
TOP3 Insulated
(BTA26)
TO-220AB Insulated
(BTA24)
TO-220AB
(BTB24)
G
A2
A1
G
A2
A2
A1
A2
A1
G
G
A2
A1
G
A2
A1
A2
A2
G
A1
www.st.com


Similar Part No. - BTA24-600CW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
logo
Kersemi Electronic Co.,...
BTA24-600CW KERSEMI-BTA24-600CW Datasheet
2Mb / 11P
Snuberrless and Standard 25 A Triacs
logo
Inchange Semiconductor ...
BTA24-600CW ISC-BTA24-600CW Datasheet
221Kb / 1P
BTA24-600CW
logo
HAOPIN MICROELECTRONICS...
BTA24-600CW HAOPIN-BTA24-600CW Datasheet
308Kb / 5P
Three quadrant triacs
logo
STMicroelectronics
BTA24-600CWRG STMICROELECTRONICS-BTA24-600CWRG Datasheet
133Kb / 12P
25 A standard and Snubberless triacs
05-Jul-2007
More results

Similar Description - BTA24-600CW

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
BTA24-600C TGS-BTA24-600C Datasheet
285Kb / 1P
25A TRIACS
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
25A TRIACS
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
25A TRIACS
BTA24-600BW TGS-BTA24-600BW Datasheet
59Kb / 1P
25A TRIACS
BTA24-800BW TGS-BTA24-800BW Datasheet
59Kb / 1P
25A TRIACS
BTA26-600B TGS-BTA26-600B Datasheet
66Kb / 1P
25A TRIACS
BTA26-600BW TGS-BTA26-600BW Datasheet
67Kb / 1P
25A TRIACS
TPDV1225-E TGS-TPDV1225-E Datasheet
202Kb / 1P
25A TRIACS
logo
Unisonic Technologies
BTB24 UTC-BTB24 Datasheet
171Kb / 3P
25A TRIACS
BTB24A UTC-BTB24A_15 Datasheet
165Kb / 3P
25A TRIACS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com