Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4449 Datasheet(PDF) 1 Page - Adafruit Industries

Part # 4449
Description  USB Type A Jack Breakout Cable with Premium Female Jumpers - 30cm long
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

4449 Datasheet(HTML) 1 Page - Adafruit Industries

  4449 Datasheet HTML 1Page - Adafruit Industries 4449 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
 
 
USB Type A Jack Breakout Cable with
Premium Female Jumpers - 30cm long
PRODUCT ID: 4449
If you'd like to connect a USB-host-capable chip to your USB peripheral, this
cable will make the task very simple. There is no converter chip in this cable! It's
basically a plain USB cable that's cut in half and with jumper sockets on the
power and data lines. Simple to use, does the job when you have something that
exposes the D+/D- pins.
Red wire connects to 5V power (to the USB device)
Black wire connects to common data/power ground
White connects to D+ data positive
Green connects to D- data negative
Remember, this has no USB-Serial converter inside it! It's for direct connection
to a USB interface, only.


Similar Part No. - 4449

ManufacturerPart #DatasheetDescription
logo
3M Electronics
444 3M-444 Datasheet
56Kb / 4P
Double Coated Tapes with Adhesive 300
Apr-2006
logo
Dremel
444 DREMEL-444 Datasheet
76Kb / 1P
Sanding
2006/2007
logo
Jet Tec
444-1310 JETTEC-444-1310 Datasheet
31Kb / 1P
Compatible Ink Cartridges
444-1321 JETTEC-444-1321 Datasheet
31Kb / 1P
Compatible Ink Cartridges
444-1436 JETTEC-444-1436 Datasheet
31Kb / 1P
Compatible Ink Cartridges
More results

Similar Description - 4449

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
999-11-113-10 PREDIP-999-11-113-10 Datasheet
30Kb / 1P
Jumpers Male or female
logo
SUYIN USA, INC.
020173MR004F1OKZL SUYIN-USA-020173MR004F1OKZL Datasheet
126Kb / 1P
USB CONN A DIP FEMALE TYPE
logo
Wurth Elektronik GmbH &...
692902100000 WURTH-692902100000 Datasheet
393Kb / 2P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
logo
Assmann Electronics Inc...
A-USB-2-R ASSMANN-A-USB-2-R Datasheet
68Kb / 1P
USB ADAPTER - A TYPE FEMALE
A-USB-4-R ASSMANN-A-USB-4-R Datasheet
203Kb / 1P
USB Adapter -A TYPE FEMALE
logo
Wurth Elektronik GmbH &...
61400416021 WURTH-61400416021 Datasheet
816Kb / 2P
USB FEMALE R/A A TYPE
logo
Assmann Electronics Inc...
AK669-50-R ASSMANN-AK669-50-R Datasheet
194Kb / 1P
USB Extention Cable Version 1.1 USB A Male to USB A Female
logo
Wurth Elektronik GmbH &...
614004160211 WURTH-614004160211 Datasheet
422Kb / 1P
USB 2.0 FEMALE R/A A TYPE
logo
Molex Electronics Ltd.
0687890035 MOLEX1-0687890035 Datasheet
41Kb / 1P
USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m USB Shielded I/O Cable Assembly, USB 3.0, Type A Male-to-Type A Female, 1.0m
logo
Wurth Elektronik GmbH &...
692902100001 WURTH-692902100001 Datasheet
371Kb / 1P
CABLE ASSEMBLY USB 3.0 TYPE A MALE TO TYPE A FEMALE
A 07-NOV-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com