Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812N104F Datasheet(PDF) 13 Page - Multicomp Pro

Part # 1812N104F
Description  General Purpose Multilayer Ceramic Capacitors 4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1812N104F Datasheet(HTML) 13 Page - Multicomp Pro

Back Button 1812N104F Datasheet HTML 9Page - Multicomp Pro 1812N104F Datasheet HTML 10Page - Multicomp Pro 1812N104F Datasheet HTML 11Page - Multicomp Pro 1812N104F Datasheet HTML 12Page - Multicomp Pro 1812N104F Datasheet HTML 13Page - Multicomp Pro 1812N104F Datasheet HTML 14Page - Multicomp Pro 1812N104F Datasheet HTML 15Page - Multicomp Pro 1812N104F Datasheet HTML 16Page - Multicomp Pro 1812N104F Datasheet HTML 17Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Page <13>
V1.0
08/05/25
General Purpose Multilayer Ceramic Capacitors
4 to 100V (NP0, X7R, Y5V, X6S, X7S & X5R Dielectrics)
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Dielectric
X5R
Size
0201
0402
0603
Rated Voltage
(V DC)
6.3
10
16
25
50
4
6.3
10
16
25
50
63
4
6.3
10
16
25
35
50
100pF (101)
L
L
L
150pF (151)
L
L
L
220pF (221)
L
L
L
330pF (331)
L
L
L
470pF (471)
L
L
L
680pF (681)
L
L
L
820pF (821)
L
L
L
1,000pF (102)
L
L
L
L
1,500pF (152)
L
L
L
2,200pF (222)
L
L
L
2,700pF (272)
L
L
L
3,300pF (332)
L
L
L
4,700pF (472)
L
L
L
6,800pF (682)
L
L
L
0.010μF (103)
L
L
L
L
L
0.015μF (153)
L
L
N
0.022μF (223)
L
L
L
L
N
N
0.033μF (333)
L
L
N
N
0.047μF (473)
L
L
L
L
N
N
N
N
0.068μF (683)
L
L
N
N
N
E
0.082μF (823)
L
L
N
N
N
E
0.10μF (104)
L
L
L
L
N
N
N
N
E
0.15μF (154)
N
N
N
N
0.22μF (224)
L
L
L
L
N
N
N
N
N
N
X
X
X
X
0.33μF (334)
L
L
L
L
N
N
N
N
X
X
X
X
0.47μF (474)
L
L
N
N
N
N
X
X
X
X
X
0.68μF (684)
N
N
X
X
X
X
0.82uF (824)
X
X
X
X
1.0μF (105)
L
L*
L*
N
N
N
N
E
X
X
X
X
X
X
1.5μF (155)
X
X
2.2μF (225)
L*
L*
N
N
E
E
X
X
X
X
X
3.3μF (335)
X
X
4.7μF (475)
E
E
E*
X
X
X
X
6.8uF (685)
10μF (106)
E*
E*
E*
X
X
X
X
X
22μF (226)
E*
E*
X*
X*
X*
47μF (476)
X*
X*
X5R Dielectric 0201, 0402, 0603, 0805, 1206, 1210 Sizes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com