Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-06 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # BAS70-06
Description  Silicon Schottky Diode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70-06 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button BAS70-06 Datasheet HTML 15Page - Infineon Technologies AG BAS70-06 Datasheet HTML 16Page - Infineon Technologies AG BAS70-06 Datasheet HTML 17Page - Infineon Technologies AG BAS70-06 Datasheet HTML 18Page - Infineon Technologies AG BAS70-06 Datasheet HTML 19Page - Infineon Technologies AG BAS70-06 Datasheet HTML 20Page - Infineon Technologies AG BAS70-06 Datasheet HTML 21Page - Infineon Technologies AG BAS70-06 Datasheet HTML 22Page - Infineon Technologies AG BAS70-06 Datasheet HTML 23Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
2006-01-19
21
BAS70... / BAS170W
Package TSLP-2-1
Reel ø180 mm = 15.000 Pieces/Reel
For board assembly information please refer to Infineon website "Packages"
1
2
0.45
Copper
Solder mask
Stencil apertures
0.6
Type code
Laser marking
Example
BAS16-02L
Cathode marking
0.76
4
0.5
Cathode
marking
Package Outline
Foot Print
Marking Layout
Standard Packing
0.4
0.05 MAX.
+0.1
Cathode
marking
1) Dimension applies to plated terminal
Top view
Bottom view
1
2
1)
±0.035
0.5
±0.05
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com