Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-07L4 Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # BAS70-07L4
Description  Silicon Schottky Diode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS70-07L4 Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button BAS70-07L4 Datasheet HTML 11Page - Infineon Technologies AG BAS70-07L4 Datasheet HTML 12Page - Infineon Technologies AG BAS70-07L4 Datasheet HTML 13Page - Infineon Technologies AG BAS70-07L4 Datasheet HTML 14Page - Infineon Technologies AG BAS70-07L4 Datasheet HTML 15Page - Infineon Technologies AG BAS70-07L4 Datasheet HTML 16Page - Infineon Technologies AG BAS70-07L4 Datasheet HTML 17Page - Infineon Technologies AG BAS70-07L4 Datasheet HTML 18Page - Infineon Technologies AG BAS70-07L4 Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
2006-01-19
15
BAS70... / BAS170W
Package SOD323
Package Outline
Foot Print
Marking Layout
Standard Packing
Reel ø180 mm = 3.000 Pieces/Reel
Reel ø330 mm = 10.000 Pieces/Reel
Type code
Laser marking
BAR63-03W
Cathode marking
Example
0.6
marking
Cathode
0.25
0.3
1
-0.05
M
A
+0.1
+0.2
2
1.25-0.1
+0.05
-0.2
0.3
0.15-0.06
+0.1
0 ±0.05
A
0.9
+0.2
-0.1
0.2
4
1
1.35
0.65
Cathode
marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com