Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLS203B0 Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # TLS203B0
Description  Linear Voltage Post Regulator Low Dropout, Low Noise, 3.3 V, Adjustable, 300 mA
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLS203B0 Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button TLS203B0 Datasheet HTML 20Page - Infineon Technologies AG TLS203B0 Datasheet HTML 21Page - Infineon Technologies AG TLS203B0 Datasheet HTML 22Page - Infineon Technologies AG TLS203B0 Datasheet HTML 23Page - Infineon Technologies AG TLS203B0 Datasheet HTML 24Page - Infineon Technologies AG TLS203B0 Datasheet HTML 25Page - Infineon Technologies AG TLS203B0 Datasheet HTML 26Page - Infineon Technologies AG TLS203B0 Datasheet HTML 27Page - Infineon Technologies AG TLS203B0 Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Data Sheet
24
Rev. 1.2, 2015-01-12
TLS203B0
Application Information
6
Application Information
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
Figure 5
Typical Application Circuit TLS203B0 (fixed voltage version)
Figure 6
Typical Application Circuit TLS203B0 (adjustable version)
Note: This is a very simplified example of an application circuit. The function must be verified in the real
application. 1) 2)
1) Please note that in case a non-negligible inductance at the input pin I is present, e.g. due to long cables, traces, parasitics,
etc, a bigger input capacitor
C
I may be required to filter its influence. As a rule of thumb if the I pin is more than six inches
away from the main input filter capacitor an input capacitor value of
C
I = 10 µF is recommended.
2) For specific needs a small optional resistor may be placed in series to very low ESR output capacitors
C
Q for enhanced
noise performance (for details please see “Bypass Capacitance and Low Noise Performance” on Page 25).
R
Load
C
BYP
C
Q
CI
I
GND
Q
EN
SENSE
BYP
TLS203B0
V
I
GND
10nF
10µF
1µF
V
Q
Calculation of V Q:
VQ = 1.22V x (1 + R2 / R1) + (IADJ x R2)
R
Load
C
BYP
CI
I
GND
Q
EN
ADJ
BYP
TLS203B0 (ADJ)
V
I
GND
10nF
10µF
1µF
C
Q
V
Q
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com