Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101S021CISDX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC101S021CISDX/NOPB
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC101S021CISDX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC101S021CISDX/NOPB Datasheet HTML 10Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 11Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 12Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 13Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 14Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 15Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 16Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 17Page - Texas Instruments ADC101S021CISDX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
VIN
D1
R1
C2
26 pF
VA
D2
C1
4 pF
Conversion Phase - Switch Open
Track Phase - Switch Closed
MICROPROCESSOR
DSP
SCLK
CS
SDATA
GND
VA
ADC101S021
LP2950
5V
1 2F
0.1 2F
0.1 2F
1 2F
VIN
ADC101S021
SNAS307G – JULY 2005 – REVISED JANUARY 2014
www.ti.com
Typical Application Circuit
A typical application of the ADC is shown in Figure 19. Power is provided in this example by the TI LP2950 low-
dropout voltage regulator, available in a variety of fixed and adjustable output voltages. The power supply pin is
bypassed with a capacitor network located close to the ADC. Because the reference for the ADC is the supply
voltage, any noise on the supply will degrade device noise performance. To keep noise off the supply, use a
dedicated linear regulator for this device, or provide sufficient decoupling from other circuitry to keep noise off the
ADC supply pin. Because of the ADC's low power requirements, it is also possible to use a precision reference
as a power supply to maximize performance. The three-wire interface is shown connected to a microprocessor or
DSP.
Figure 19. Typical Application Circuit
Analog Inputs
An equivalent circuit for the ADC's input is shown in Figure 20. Diodes D1 and D2 provide ESD protection for the
analog inputs. At no time should the analog input go beyond (VA + 300 mV) or (GND − 300 mV), as these ESD
diodes will begin conducting, which could result in erratic operation. For this reason, the ESD diodes should not
be used to clamp the input signal.
The capacitor C1 in Figure 20 has a typical value of 4 pF, and is mainly the package pin capacitance. Resistor
R1 is the on resistance of the track / hold switch, and is typically 500
Ω. Capacitor C2 is the ADC sampling
capacitor and is typically 26 pF. The ADC will deliver best performance when driven by a low-impedance source
to eliminate distortion caused by the charging of the sampling capacitance. This is especially important when
using the ADC to sample AC signals. Also important when sampling dynamic signals is an anti-aliasing filter
Figure 20. Equivalent Input Circuit
Digital Inputs and Outputs
The ADC digital inputs (SCLK and CS) are not limited by the same maximum ratings as the analog inputs. The
digital input pins are instead limited to +5.25V with respect to GND, regardless of VA, the supply voltage. This
allows the ADC to be interfaced with a wide range of logic levels, independent of the supply voltage.
14
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: ADC101S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com