Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1232IPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1232IPWR
Description  ADS123x 2- and 4-Channel, 24-Bit, Delta-Sigma ADCs for Bridge Sensors
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1232IPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1232IPWR Datasheet HTML 4Page - Texas Instruments ADS1232IPWR Datasheet HTML 5Page - Texas Instruments ADS1232IPWR Datasheet HTML 6Page - Texas Instruments ADS1232IPWR Datasheet HTML 7Page - Texas Instruments ADS1232IPWR Datasheet HTML 8Page - Texas Instruments ADS1232IPWR Datasheet HTML 9Page - Texas Instruments ADS1232IPWR Datasheet HTML 10Page - Texas Instruments ADS1232IPWR Datasheet HTML 11Page - Texas Instruments ADS1232IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
5.5 Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +105°C; typical specifications are at TA = 25°C; all
specifications are at AVDD = DVDD = V(REFP) = 5V, V(REFN) = AGND, and fCLK = 4.9152MHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
I(AVDD)
Analog supply current
Normal mode, AVDD = 3V, gain = 1, 2
600
1300
µA
Normal mode, AVDD = 3V, gain = 64, 128
1350
2500
Normal mode, AVDD = 5V, gain = 1, 2
650
1300
Normal mode, AVDD = 5V, gain = 64, 128
1350
2500
Standby mode
0.1
1
Power-down
0.1
1
I(DVDD)
Digital supply current
Normal mode, DVDD = 3V, gain = 1, 2
60
95
µA
Normal mode, DVDD = 3V, gain = 64, 128
75
120
Normal mode, DVDD = 5V, gain = 1, 2
95
130
Normal mode, DVDD = 5V, gain = 64, 128
75
120
Standby mode, SCLK = high, DVDD = 3V
45
80
Standby mode, SCLK = high, DVDD = 5V
65
80
Power-down
0.2
1.3
PD
Power dissipation, total
Normal mode, AVDD = DVDD = 3V, gain =
1, 2
2
4.2
mW
Normal mode, AVDD = DVDD = 5V, gain =
1, 2
3.7
7.2
Normal mode, AVDD = DVDD = 3V, gain =
64, 128
4.3
7.9
Normal mode, AVDD = DVDD = 5V, gain =
64, 128
7.1
13.1
Standby mode, AVDD = DVDD = 5V
0.3
0.4
(1)
FSR = full-scale range = VREF / Gain.
(2)
Input offset error specified after calibration. Recalibration minimizes these errors to the level of noise at any temperature.
(3)
Gain errors are calibrated at the factory (AVDD = 5V, all gains, TA = 25°C).
(4)
Specification is verified by the combination of design and final production test.
ADS1232, ADS1234
SBAS350H – JUNE 2005 – REVISED JUNE 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ADS1232 ADS1234



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com