Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5542IPAP Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5542IPAP
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5542IPAP Datasheet HTML 13Page - Texas Instruments ADS5542IPAP Datasheet HTML 14Page - Texas Instruments ADS5542IPAP Datasheet HTML 15Page - Texas Instruments ADS5542IPAP Datasheet HTML 16Page - Texas Instruments ADS5542IPAP Datasheet HTML 17Page - Texas Instruments ADS5542IPAP Datasheet HTML 18Page - Texas Instruments ADS5542IPAP Datasheet HTML 19Page - Texas Instruments ADS5542IPAP Datasheet HTML 20Page - Texas Instruments ADS5542IPAP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
www.ti.com
100
90
80
70
60
50
40
30
20
10
0
−10
−20
−30
Input Amplitude
− dBFS
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
f
IN = 150MHz
SFDR (dBc)
SNR (dBc)
SNR (dBFS)
90
80
70
60
50
40
30
20
10
0
−10
−20
−30
Input Amplitude
− dBFS
−100 −90 −80 −70 −60 −50 −40 −30 −20 −10
0
f
IN = 220MHz
SFDR (dBc)
SNR (dBc)
SNR (dBFS)
95
90
85
80
75
70
65
Differential Clock Amplitude
− V
0
0.5
1.0
1.5
2.0
2.5
3.0
f
IN = 70MHz
SFDR
SNR
40
35
30
25
20
15
10
5
0
Code
0
−20
−40
−60
−80
−100
−120
−140
f
− Frequency − MHz
0
5
10
15
20
25
30
35
40
f
S = 76.8MSPS
f
IN = 170MHz
100
95
90
85
80
75
70
65
Clock Duty Cycle
− %
40
50
45
55
60
f
IN = 20MHz
SFDR
SNR
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = –1dBFS, sampling rate = 80 MSPS
and 3-V differential clock, unless otherwise noted
AC PERFORMANCE
AC PERFORMANCE
vs INPUT AMPLITUDE
vs INPUT AMPLITUDE
Figure 29.
Figure 30.
OUTPUT
AC PERFORMANCE
NOISE HISTOGRAM
vs CLOCK AMPLITUDE
Figure 31.
Figure 32.
WCDMA
AC PERFORMANCE
CARRIER
vs CLOCK DUTY CYCLE
Figure 33.
Figure 34.
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com