Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5542IPAP.A Datasheet(PDF) 13 Page - Texas Instruments

Part # ADS5542IPAP.A
Description  14-Bit, 80 MSPS Analog-To-Digital Converter
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5542IPAP.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS5542IPAP.A Datasheet HTML 9Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 10Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 11Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 12Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 13Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 14Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 15Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 16Page - Texas Instruments ADS5542IPAP.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
−20
−40
−60
−80
−100
−120
f
− Frequency − MHz
0
5
15
25
35
10
20
30
40
SFDR = 92.1dBc
SNR = 74.0dBFS
THD = 88.4dBc
SINAD = 73.9dBFS
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
SFDR = 92.0dBc
SNR = 73.6dBFS
THD = 88.2dBc
SINAD = 73.5dBFS
f
− Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
SFDR = 87.5dBc
SNR = 73.6dBFS
THD = 83.4dBc
SINAD = 73.2dBFS
f
− Frequency − MHz
0
−20
−40
−60
−80
−100
−120
f
− Frequency − MHz
0
5
15
25
35
10
20
30
40
SFDR = 89.3dBc
SNR = 73.4dBFS
THD = 86.8dBc
SINAD = 73.2dBFS
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
SFDR = 87.2dBc
SNR = 72.8dBFS
THD = 83.4dBc
SINAD = 72.5dBFS
f
− Frequency − MHz
0
−20
−40
−60
−80
−100
−120
0
5
15
25
35
10
20
30
40
SFDR = 83.9dBc
SNR = 72.7dBFS
THD = 81.5dBc
SINAD = 72.2dBFS
f
− Frequency − MHz
ADS5542
SBAS308D – MAY 2004 – REVISED FEBRUARY 2007
Typical values given at T
A = 25°C, AVDD = DRVDD = 3.3 V, differential input amplitude = –1dBFS, sampling rate = 80 MSPS
and 3-V differential clock, unless otherwise noted
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 4 MHz Input Signal)
(FFT for 16 MHz Input Signal)
Figure 5.
Figure 6.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 55 MHz Input Signal)
(FFT for 70 MHz Input Signal)
Figure 7.
Figure 8.
SPECTRAL PERFORMANCE
SPECTRAL PERFORMANCE
(FFT for 100 MHz Input Signal)
(FFT for 125 MHz Input Signal)
Figure 9.
Figure 10.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com