Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC6821 Datasheet(PDF) 38 Page - Texas Instruments

Part # AMC6821
Description  Intelligent Temperature Monitor and PWM Fan Controller
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC6821 Datasheet(HTML) 38 Page - Texas Instruments

Back Button AMC6821 Datasheet HTML 34Page - Texas Instruments AMC6821 Datasheet HTML 35Page - Texas Instruments AMC6821 Datasheet HTML 36Page - Texas Instruments AMC6821 Datasheet HTML 37Page - Texas Instruments AMC6821 Datasheet HTML 38Page - Texas Instruments AMC6821 Datasheet HTML 39Page - Texas Instruments AMC6821 Datasheet HTML 40Page - Texas Instruments AMC6821 Datasheet HTML 41Page - Texas Instruments AMC6821 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
www.ti.com
AMC6821
SBAS386C – MAY 2006 – REVISED JULY 2007
Configuration Register 4 (Address 0x04, Value After Power-On Reset = 0x08)
BIT
NAME
R/W
DEFAULT
DESCRIPTION
7
MODE
R/W
0
Required configure bit: User must write a 1 to this location.
Number of pulses per revolution of the fan. Power-on default = 0. PLSPR = 0 for two
6
PSPR
R/W
0
pulses/revolution (default), PLSPR = 1 for four pulses per revolution.
When TACH-FAST = 1, the TACH data reading is updated every 250ms. This monitor is
5
TACH-FAST
R/W
0
the fast RPM monitor. When TACH-FAST = 0, the TACH data reading is updated every
second. Default = 0, power-on default = 0.
Setting this bit to '1' enables the OVR pin. Clearing this bit ('0') disables the OVR pin
4
OVREN
R/W
0
(high-impedance). Default = 0.
3
Reserved
R
1
Read back '1'.
2
Reserved
R
0
Read-back '0'.
1
Reserved
R
0
Read-back '0'.
0
Reserved
R
0
Read-back '0'.
Writing the reserved bit has no effect.
38
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): AMC6821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com