Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27Z561YPHR-R2.B Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ27Z561YPHR-R2.B
Description  BQ27Z561-R2 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ27Z561YPHR-R2.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27Z561YPHR-R2.B Datasheet HTML 3Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 4Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 5Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 6Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 7Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 8Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 9Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 10Page - Texas Instruments BQ27Z561YPHR-R2.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7.13 Internal Oscillator Specifications
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High Frequency Oscillator (HFO)
fHFO
Operating frequency
16.78
MHz
fHFO
HFO frequency drift
TA = –20°C to 70°C
–2.5%
2.5%
TA = –40°C to 85°C
–3.5
3.5
tHFOSTART
HFO start-up time
TA = –40°C to 85°C, oscillator
frequency within +/– 3% of nominal
frequency or a power-on reset
4
ms
Low Frequency Oscillator (LFO)
fLFO
Operating frequency
65.536
kHz
fLFO(ERR)
Frequency error
TA = –40°C to 85°C
–2.5%
+2.5%
7.14 Voltage Reference1 (REF1)
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF1
Internal reference voltage(1)
1.195
1.21
1.227
V
VREF1_DRIFT
Internal reference voltage drift TA = –40 °C to 85°C
–80
+80
PPM/C
(1)
Used for CC and LDO
7.15 Voltage Reference2 (REF2)
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREF2
Internal reference voltage(1)
1.2
1.21
1.22
V
VREF2_DRIFT
Internal reference voltage drift TA = –40 °C to 85°C
–20
20 PPM/°C
(1)
Used for ADC
7.16 Flash Memory
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Data retention
10
100
Years
Flash programming write
cycles
Data Flash
20000
Cycles
Instruction Flash
1000
Cycles
t(ROWPROG)
Row programming time
40
µs
t(MASSERASE)
Mass-erase time
TA = –40°C to 85°C
40
ms
t(PAGEERASE)
Page-erase time
TA = –40°C to 85°C
40
ms
IFLASHREAD
Flash read current
TA = –40°C to 85°C
1
mA
IFLASHWRTIE
Flash write current
TA = –40°C to 85°C
5
mA
IFLASHERASE
Flash erase current
TA = –40°C to 85°C
15
mA
7.17 I2C I/O
Unless otherwise noted, characteristics noted under conditions of TA = –40℃ to 85℃
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
SCL, SDA/HDQ, VREG18 = 1.8 V
1.26
V
VIL
Low-level input voltage low
VREG18 = 1.8 V
0.54
V
VOL
Low-level output voltage
IOL = 1 mA, VREG18 = 1.8 V
0.36
V
www.ti.com
BQ27Z561-R2
SLUSE22B – FEBRUARY 2020 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: BQ27Z561-R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com