Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL0601 Datasheet(PDF) 13 Page - ON Semiconductor

Part # HCPL0601
Description  High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL0601 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button HCPL0601 Datasheet HTML 9Page - ON Semiconductor HCPL0601 Datasheet HTML 10Page - ON Semiconductor HCPL0601 Datasheet HTML 11Page - ON Semiconductor HCPL0601 Datasheet HTML 12Page - ON Semiconductor HCPL0601 Datasheet HTML 13Page - ON Semiconductor HCPL0601 Datasheet HTML 14Page - ON Semiconductor HCPL0601 Datasheet HTML 15Page - ON Semiconductor HCPL0601 Datasheet HTML 16Page - ON Semiconductor HCPL0601 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.9
12
+5V
Peak
3
2
1
4
8
7
6
5
GND
V
CC
O
(V )
Output
350
Ω
V
CM
FF
V
A
B
Pulse Gen
I
F
CM
V
0V
O
V
5V
Switching Pos. (A), I = 0
F
O
V (Max)
CM
0.5 V
O
V
Switching Pos. (B), I = 7.5 mA
F
H
CM L
V (Min)
O
bypass
0.1
μf
Fig. 22 Test Circuit Common Mode Transient Immunity
Test Circuit for HCPL0600, HCPL0601, and HCPL0611
(HCPL0600, HCPL0601 and HCPL0611)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com