Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8177F Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8177F
Description  VERTICAL DEFLECTION BOOSTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8177F Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8177F_05 Datasheet HTML 1Page - STMicroelectronics TDA8177F_05 Datasheet HTML 2Page - STMicroelectronics TDA8177F_05 Datasheet HTML 3Page - STMicroelectronics TDA8177F_05 Datasheet HTML 4Page - STMicroelectronics TDA8177F_05 Datasheet HTML 5Page - STMicroelectronics TDA8177F_05 Datasheet HTML 6Page - STMicroelectronics TDA8177F_05 Datasheet HTML 7Page - STMicroelectronics TDA8177F_05 Datasheet HTML 8Page - STMicroelectronics TDA8177F_05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
TDA8177F
Table 2. Thermal Data
Table 3. Electrical Characteristics
(VS = 35V, TA = 25°C, unless otherwise specified)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction-case Thermal Resistance Max
3
°C/W
Tt
Temperature for Thermal Shutdown
150
°C
∆Tt
Hysteresis on Tt
10
°C
Tjr
Recommended Max. Junction Temperature
120
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage Range
10
35
V
V3M
Operating Flyback Supply Voltage
VS
70
V
I2
Pin 2 Quiescent Current
I3 = 0, I5 = 0
10
20
mA
I6
Pin 6 Quiescent Current
I3 = 0, I5 = 0
25
35
mA
IO
Max. Scanning Peak Output Current
1.5
A
I1
Amplifier Bias Current
V1 = 20V, V7 = 21V
– 0.4
– 2
µA
I7
Amplifier Bias Current
V1 = 21V, V7 = 20V
– 0.4
– 2
µA
VIO
Offset Voltage
0
7
mV
∆VIO/dt Offset Drift versus Temperature
– 10
µV/°C
GV
Voltage Gain
80
dB
V5L
Output Saturation Voltage to GND (Pin 4)
I5 = 1.5A
1.0
2
V
V5H
Output Saturation Voltage to Supply (Pin 6)
I5 = - 1.5A
1.7
2.5
V
VD5 - 6
Diode Forward Voltage between Pins 5-6
I5 = 1.5A
1.5
2.1
V
VD3 - 6
Diode Forward Voltage between Pins 3-6
I3 = 1.5A
2.3
3
V
V3-6
Voltage Drop between Pins 3-6 (2nd part of flyback)
I3 = - 1.A
45
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com