Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PP73 Datasheet(PDF) 1 Page - Pro-Power

Part # PP73
Description  2491B Single Core Flexible
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

PP73 Datasheet(HTML) 1 Page - Pro-Power

  PP73 Datasheet HTML 1Page - Pro-Power PP73 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2491B Single Core Flexible
Page <1>
06/05/10 V1.0
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Specifications:
Maximum Operating Temperature : 70°C.
Primary Insulation Material
: LSF PVC.
Secondary Insulation Material
: Compound EI5.
Conductor Material
: Copper.
Approval Bodies
: BS6500.
Approval Category
: BASEC.
Reel Length
: 100m.
Specification Table
Primary
Insulation
Colour
Voltage
Rating
(V ac)
Core
earth/core-core
Voltage Rating
Current
Rating
(A)
Conductor
Area
CSA
(mm2)
Resistance
per Meter
(R)
External
Diameter
Primary
Insulation
Thickness
Conductor
Make-up*
Part Number
Brown
300
300/500
3
0.50
39.00
2.12
0.6
16/0.20
PP70
Blue
PP71
Black
PP72
Green/Yellow
PP73
Brown
6
0.75
26.00
2.33
24/0.20
PP77
Blue
PP78
Black
PP79
Green/Yellow
PP80
Brown
10
1.00
19.50
2.48
32/0.20
PP84
Blue
PP85
Black
PP86
Green/Yellow
PP87
Brown
450
450/750
16
1.50
13.30
2.98
0.7
30/0.25
PP91
Blue
PP92
Black
PP93
Green/Yellow
PP94
Brown
25
2.50
7.98
3.63
0.8
50/0.25
PP98
Dimensions : Millimetres


Similar Part No. - PP73

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PP73 ETC2-PP73 Datasheet
96Kb / 2P
2491B Single Core Flexible
More results

Similar Description - PP73

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
750-031-16 GLENAIR-750-031-16 Datasheet
31Kb / 1P
Flexible Metal-Core Conduit
750-032-16 GLENAIR-750-032-16 Datasheet
32Kb / 1P
Flexible Metal-Core Conduit
750-033-16 GLENAIR-750-033-16 Datasheet
33Kb / 1P
Flexible Metal-Core Conduit
750-035-16 GLENAIR-750-035-16 Datasheet
33Kb / 1P
Flexible Metal-Core Conduit
750-085-16 GLENAIR-750-085-16 Datasheet
31Kb / 1P
Flexible Metal-Core Conduit
750-095-16 GLENAIR-750-095-16 Datasheet
31Kb / 1P
Flexible Metal-Core Conduit
logo
List of Unclassifed Man...
PP85 ETC2-PP85 Datasheet
96Kb / 2P
2491B Single Core Flexible
logo
Taoglas antenna solutio...
WM.90.A305111 TAOGLAS-WM.90.A305111 Datasheet
1Mb / 21P
flexible inner steel core whip
WM.80.B.305111 TAOGLAS-WM.80.B.305111 Datasheet
532Kb / 6P
Flexible Inner Steel Core Whip
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com