Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2591RGVR Datasheet(PDF) 7 Page - Texas Instruments

Part # CC2591RGVR
Description  CC2591 2.4-GHz RF Front End
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2591RGVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC2591RGVR Datasheet HTML 3Page - Texas Instruments CC2591RGVR Datasheet HTML 4Page - Texas Instruments CC2591RGVR Datasheet HTML 5Page - Texas Instruments CC2591RGVR Datasheet HTML 6Page - Texas Instruments CC2591RGVR Datasheet HTML 7Page - Texas Instruments CC2591RGVR Datasheet HTML 8Page - Texas Instruments CC2591RGVR Datasheet HTML 9Page - Texas Instruments CC2591RGVR Datasheet HTML 10Page - Texas Instruments CC2591RGVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CC2591
www.ti.com
SWRS070B – MARCH 2008 – REVISED SEPTEMBER 2014
Electrical Characteristics (continued)
TC = 25°C, VDD = 3 V , fRF= 2440 MHz (unless otherwise noted). Measured on CC2591EM reference design including external
matching components.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain variation, -40°C – 85°C, High-Gain
HGM = 1
3
dB
Mode
HGM = 1, including internal T/R switch and external
Noise figure, High-Gain Mode
4.8
dB
antenna match
Input 1-dB compression, High-Gain Mode
HGM = 1
–17
dBm
Input IP3, High-Gain Mode
HGM = 1
–2
dBm
Input reflection coefficient, S11
HGM = 1, measured at antenna port
–11
dB
RF Transmit
Gain
22
dB
Output power, POUT
PIN = 0.5 dBm
20.6
dBm
Maximum output power
PIN = 5 dBm
22
dBm
Power Added Efficiency, PAE
PIN = 0.5 dBm
34%
Output 1-dB compression
19
dBm
Output IP3
32
dBm
Output power variation over frequency
2400 – 2483.5 MHz, PIN = 0.5 dBm
0.5
dB
Output power variation over power supply
2 V – 3.6 V , PIN = 0.5 dBm
3.5
dB
Output power variation over temperature
-40°C – 85°C, PIN = 0.5 dBm
1.5
dB
PIN = 0.5 dBm. The second harmonic can be reduced
Second harmonic power
to below regulatory limits by using an external LC filter
–15
dBm
and antenna.
PIN = 0.5 dBm. The third harmonic can be reduced to
Third harmonic power
below regulatory limits by using an external LC filter
–30
dBm
and antenna.
4.5
Thermal Resistance Characteristics for RGV Package
NAME
DESCRIPTION
°C/W(1) (2)
AIR FLOW (m/s)(3)
R
ΘJC-top
Junction-to-case (top)
52.8
0.00
R
ΘJB
Junction-to-board
20.4
0.00
R
ΘJA
Junction-to-free air
41.9
0.00
PsiJT
Junction-to-package top
1.4
0.00
PsiJB
Junction-to-board
20.5
0.00
R
ΘJC-bottom
Junction-to-case (bottom)
8.3
0.00
(1)
°C/W = degrees Celsius per watt.
(2)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [R
ΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
(3)
m/s = meters per second.
Copyright © 2008–2014, Texas Instruments Incorporated
Specifications
7
Submit Documentation Feedback
Product Folder Links: CC2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com