Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4069UBF Datasheet(PDF) 7 Page - Texas Instruments

Part # CD4069UBF
Description  CD4069UB CMOS hex inverter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD4069UBF Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4069UBF Datasheet HTML 3Page - Texas Instruments CD4069UBF Datasheet HTML 4Page - Texas Instruments CD4069UBF Datasheet HTML 5Page - Texas Instruments CD4069UBF Datasheet HTML 6Page - Texas Instruments CD4069UBF Datasheet HTML 7Page - Texas Instruments CD4069UBF Datasheet HTML 8Page - Texas Instruments CD4069UBF Datasheet HTML 9Page - Texas Instruments CD4069UBF Datasheet HTML 10Page - Texas Instruments CD4069UBF Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
CD4069UB
www.ti.com
SCHS054E – NOVEMBER 1998 – REVISED JANUARY 2019
Product Folder Links: CD4069UB
Submit Documentation Feedback
Copyright © 1998–2019, Texas Instruments Incorporated
Electrical Characteristics – Static (continued)
TA = 25°C; input tr, tf = 20 ns; CL = 50 pF; RL = 200 kΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIN
Input current
VIN = 0 V to 18 V, VDD = 18 V
TA = –55°C
±01
µA
TA = –40°C
±01
TA = 25°C
±10–5
±1
TA = 85°C
±1
TA = 125°C
±1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com