Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDC906 Datasheet(PDF) 21 Page - Texas Instruments

Part # CDC906
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDC906 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDC906 Datasheet HTML 17Page - Texas Instruments CDC906 Datasheet HTML 18Page - Texas Instruments CDC906 Datasheet HTML 19Page - Texas Instruments CDC906 Datasheet HTML 20Page - Texas Instruments CDC906 Datasheet HTML 21Page - Texas Instruments CDC906 Datasheet HTML 22Page - Texas Instruments CDC906 Datasheet HTML 23Page - Texas Instruments CDC906 Datasheet HTML 24Page - Texas Instruments CDC906 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
27MHz
Crystal
CDC906
16.9344MHz(384fs)
33.8688MHz(768fs)
11.2896MHz(256fs)
27MHz
DVD−DSP
MPEG/AC−3
AudioDec
Karaoke
DSP
PCM1716
Front
Surround
Center
Subwoofer
CPUClock
64MHz
i.e.audiorate:44.1kHz
Not Recommended for New Designs
CDC906
www.ti.com...................................................................................................................................... SCAS828B – SEPTEMBER 2006 – REVISED FEBRUARY 2008
FUNCTIONAL DESCRIPTION
Zero ppm Audio and Video System Clock Generation and Divider Setting
The CDC906 is ideally suited for audio and video applications. It consists of a triple PLL clock generator which
generates up to six audio, video and system clocks from i.e. a 27-MHz master clock. The output frequencies are
programmable to meet different application requirements. The master clock can be either a crystal oscillator or
an external input clock signal. The CDC906 provides a very low jitter, high accuracy clock with zero ppm for the
common audio and video clocks. The following table shows the system clocks versus the standard sampling
frequency and the corresponding divider settings.
Divider
Divider
Audio Rate
fs x 256
fs x 384
Error ppm
Error ppm
[kHz]
[MHz]
[MHz]
M
N
P
M
N
P
16
4.096
375
2048
36
0
6.144
125
768
27
0
22.05
5.6448
75
392
25
0
8.4672
125
588
15
0
24
6.144
125
768
27
0
9.216
125
768
18
0
32
8.192
375
2048
18
0
12.288
375
2048
12
0
44.1
11.2896
375
1568
10
0
16.9344
125
784
10
0
48
12.288
375
2048
12
0
18.432
125
768
9
0
96
24.576
375
2048
6
0
36.864
375
2048
4
0
Divider
Divider
Audio Rate
fs x 512
fs x 768
Error ppm
Error ppm
[kHz]
[MHz]
[MHz]
M
N
P
M
N
P
16
8.192
375
2048
18
0
12.288
375
2048
12
0
22.05
11.2896
375
1568
10
0
16.9344
125
784
10
0
24
12.288
375
2048
12
0
18.432
125
768
9
0
32
16.384
375
2048
9
0
24.576
375
2048
6
0
44.1
22.5792
375
1568
5
0
33.8688
125
784
5
0
48
24.576
375
2048
6
0
36.864
375
2048
4
0
96
49.152
375
2048
3
0
73.728
375
2048
2
0
NOTE: Input frequency is 27 MHz.
Video
Divider
Divider
Divider
2
Error
1
Error
0.5
Error
Rate
[MHz]
ppm
[MHz]
ppm
[MHz]
ppm
M
N
P
M
N
P
M
N
P
[MHz]
27
54
1
8
4
0
27
-
-
1
0
13.5
-
-
2
0
Typical applications for the CDC906 are digital HDTV systems, gaming consoles, DVD players, DVD add-on
cards for multimedia PCs, and step-top boxes.
Figure 14. CDC906 System Application Block Diagram
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): CDC906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com