| Electronic Components Datasheet Search |
|
CD54HC73 Datasheet(PDF) 9 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CD54HC73 Datasheet(HTML) 9 Page - Texas Instruments |
|
9 / 24 page ![]() 7 Detailed Description 7.1 Overview The ’HC73 and CD74HCT73 utilize silicon gate CMOS technology to achieve operating speeds equivalent to LSTTL parts. They exhibit the low power consumption of standard CMOS integrated circuits, together with the ability to drive 10 LSTTL loads These flip-flops have independent J, K, Reset and Clock inputs and Q and Q outputs. They change state on the negative-going transition of the clock pulse. Reset is accomplished asynchronously by a low level input. This device is functionally identical to the HC/HCT107 but differs in terminal assignment and in some parametric limits. The HCT logic family is functionally as well as pin compatible with the standard LS logic family 7.2 Functional Block Diagram 7.3 Device Functional Modes Table 7-1. Truth Table(1) INPUTS OUTPUTS R CP J K Q Q L X X X L H H ↓ L L No change H ↓ H L H L H ↓ L H L H H ↓ H H Toggle H H X X No change (1) H = high level (steady state), L = low level (steady state), X = irrelevant, ↓ = high-to-low transition www.ti.com CD54HC73, CD74HC73, CD74HCT73 SCHS134G – FEBRUARY 1998 – REVISED OCTOBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 9 Product Folder Links: CD54HC73 CD74HC73 CD74HCT73 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |