Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCEL925PW.B Datasheet(PDF) 21 Page - Texas Instruments

Part # CDCEL925PW.B
Description  CDCE(L)925: Flexible Low Power LVCMOS Clock Generator With SSC Support for EMI Reduction
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCEL925PW.B Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCEL925PW.B Datasheet HTML 17Page - Texas Instruments CDCEL925PW.B Datasheet HTML 18Page - Texas Instruments CDCEL925PW.B Datasheet HTML 19Page - Texas Instruments CDCEL925PW.B Datasheet HTML 20Page - Texas Instruments CDCEL925PW.B Datasheet HTML 21Page - Texas Instruments CDCEL925PW.B Datasheet HTML 22Page - Texas Instruments CDCEL925PW.B Datasheet HTML 23Page - Texas Instruments CDCEL925PW.B Datasheet HTML 24Page - Texas Instruments CDCEL925PW.B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
21
CDCE925, CDCEL925
www.ti.com
SCAS847I – JULY 2007 – REVISED OCTOBER 2016
Product Folder Links: CDCE925 CDCEL925
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table 10. PLL1 Configuration Register (continued)
OFFSET(1)
BIT(2)
ACRONYM
DEFAULT(3)
DESCRIPTION
(5)
PLL settings limits: 16
≤ q ≤ 63, 0 ≤ p ≤ 7, 0 ≤ r ≤ 511, 0 < N < 4096
13h
7
FS1_7
0b
FS1_x: PLL1 frequency selection(4)
6
FS1_6
0b
0 – fVCO1_0 (predefined by PLL1_0 – multiplier/divider value)
1 – fVCO1_1 (predefined by PLL1_1 – multiplier/divider value)
5
FS1_5
0b
4
FS1_4
0b
3
FS1_3
0b
2
FS1_2
0b
1
FS1_1
0b
0
FS1_0
0b
14h
7
MUX1
1b
PLL1 multiplexer:
0 – PLL1
1 – PLL1 bypass (PLL1 is in power down)
6
M2
1b
Output Y2 multiplexer: 0 – Pdiv1
1 – Pdiv2
5:4
M3
10b
Output Y3 multiplexer: 00 – Pdiv1-divider
01 – Pdiv2-divider
10 – Pdiv3-divider
11 – Reserved
3:2
Y2Y3_ST1
11b
Y2, Y3-
state0/1definition:
00 – Y2/Y3 disabled to high-impedance state (PLL1 is in power
down)
01 – Y2/Y3 disabled to high-impedance state (PLL1 on)
10 – Y2/Y3 disabled to low (PLL1 on)
11 – Y2/Y3 enabled (normal operation, PLL1 on)
1:0
Y2Y3_ST0
01b
15h
7
Y2Y3_7
0b
Y2Y3_x output state selection(4)
6
Y2Y3_6
0b
0 – state0 (predefined by Y2Y3_ST0)
1 – state1 (predefined by Y2Y3_ST1)
5
Y2Y3_5
0b
4
Y2Y3_4
0b
3
Y2Y3_3
0b
2
Y2Y3_2
0b
1
Y2Y3_1
1b
0
Y2Y3_0
0b
16h
7
SSC1DC
0b
PLL1 SSC down/center selection: 0 – Down
1 – Center
6:0
Pdiv2
01h
7-bit Y2-output-divider Pdiv2:
0 – Reset and in standby
1 to 127 – Divider value
17h
7
—
0b
Reserved – do not write others than 0
6:0
Pdiv3
01h
7-bit Y3-output-divider Pdiv3:
0 – Reset and in standby
1 to 127 – Divider value
18h
7:0
PLL1_0N [11:4
004h
PLL1_0(5): 30-bit multiplier/divider value for frequency fVCO1_0
(for more information, see PLL Multiplier/Divider Definition).
19h
7:4
PLL1_0N [3:0]
3:0
PLL1_0R [8:5]
000h
1Ah
7:3
PLL1_0R[4:0]
2:0
PLL1_0Q [5:3]
10h
1Bh
7:5
PLL1_0Q [2:0]
4:2
PLL1_0P [2:0]
010b
1:0
VCO1_0_RANGE
00b
fVCO1_0 range selection:
00 – fVCO1_0 < 125 MHz
01 – 125 MHz
≤ fVCO1_0 < 150 MHz
10 – 150 MHz
≤ fVCO1_0 < 175 MHz
11 – fVCO1_0 ≥ 175 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com