Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD15380F3.B Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD15380F3.B
Description  CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD15380F3.B Datasheet(HTML) 1 Page - Texas Instruments

  CSD15380F3.B Datasheet HTML 1Page - Texas Instruments CSD15380F3.B Datasheet HTML 2Page - Texas Instruments CSD15380F3.B Datasheet HTML 3Page - Texas Instruments CSD15380F3.B Datasheet HTML 4Page - Texas Instruments CSD15380F3.B Datasheet HTML 5Page - Texas Instruments CSD15380F3.B Datasheet HTML 6Page - Texas Instruments CSD15380F3.B Datasheet HTML 7Page - Texas Instruments CSD15380F3.B Datasheet HTML 8Page - Texas Instruments CSD15380F3.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
CSD15380F3 20-V N-Channel FemtoFET™ MOSFET
1 Features
• Ultra-low CiSS and COSS
• Ultra-low Qg and Qgd
• Ultra-small footprint
– 0.73 mm × 0.64 mm
• Ultra-low profile
– 0.36-mm max height
• Integrated ESD protection diode
– Rated > 4-kV HBM
– Rated > 2-kV CDM
• Lead and halogen free
• RoHS compliant
2 Applications
• Optimized for load switch applications
• Optimized for general purpose switching
applications
• Battery applications
• Handheld and mobile applications
3 Description
This 20-V, 990-mΩ, N-Channel FemtoFET™ MOSFET
is designed and optimized to minimize the footprint
in many handheld and mobile applications. Ultra-
low capacitance improves switching speeds. When
used in data line applications, the low capacitance
minimizes noise coupling. This technology is capable
of replacing standard small signal MOSFETs while
providing a substantial reduction in footprint size.
0.64 mm
0.73 mm
0.36 mm
Typical Part Dimensions
Product Summary
TA = 25°C
TYPICAL VALUE
UNIT
VDS
Drain-to-Source Voltage
20
V
Qg
Gate Charge Total (4.5 V)
0.216
nC
Qgd
Gate Charge Gate-to-Drain
0.027
nC
RDS(on)
Drain-to-Source
On-Resistance
VGS = 2.5 V
2220
mΩ
VGS = 4.5 V
1170
VGS = 8 V
990
VGS(th)
Threshold Voltage
1.1
V
Device Information(1)
DEVICE
QTY
MEDIA
PACKAGE
SHIP
CSD15380F3
3000
7-Inch Reel
Femto
0.73-mm × 0.64-mm
Land Grid Array (LGA)
Tape
and
Reel
CSD15380F3T
250
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Absolute Maximum Ratings
TA = 25°C (unless otherwise stated)
VALUE
UNIT
VDS
Drain-to-Source Voltage
20
V
VGS
Gate-to-Source Voltage
10
V
ID
Continuous Drain Current(1)
0.9
A
Continuous Drain Current(2)
0.5
IDM
Pulsed Drain Current(3)
1.6
A
PD
Power Dissipation(1)
1.4
W
Power Dissipation(2)
0.5
V(ESD)
Human-Body Model (HBM)
4
kV
Charged-Device Model (CDM)
2
TJ,
Tstg
Operating Junction and
Storage Temperature
–55 to 150
°C
(1)
Typical RθJA = 90°C/W on 1-in2 (6.45-cm2), 2-oz (0.071-mm)
thick Cu pad on a 0.06-in (1.52-mm) thick FR4 PCB
(2)
Typical RθJA = 255°C/W on min Cu board
(3)
Pulse duration ≤ 100 μs, duty cycle ≤ 1%.
D
G
S
Top View
CSD15380F3
SLPS579B – MAY 2016 – REVISED FEBRUARY 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD15380F3.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD15380F3T TI1-CSD15380F3T Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
More results

Similar Description - CSD15380F3.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4 Datasheet
1Mb / 14P
CSD25481F4, 20 V P-Channel FemtoFET MOSFET
CSD25483F4 TI1-CSD25483F4 Datasheet
787Kb / 12P
CSD25483F4, 20 V P-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD17484F4 TI1-CSD17484F4_16 Datasheet
588Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD25481F4 TI1-CSD25481F4_16 Datasheet
801Kb / 13P
20 V P-Channel FemtoFET MOSFET
CSD25484F4 TI1-CSD25484F4 Datasheet
1Mb / 15P
20 V P-Channel FemtoFET MOSFET
CSD25485F5 TI1-CSD25485F5 Datasheet
631Kb / 12P
20-V P-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com