Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBAS16 Datasheet(PDF) 1 Page - Multicomp Pro

Part # TBAS16
Description  Switching Diode SOT-23
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

TBAS16 Datasheet(HTML) 1 Page - Multicomp Pro

  TBAS16 Datasheet HTML 1Page - Multicomp Pro TBAS16 Datasheet HTML 2Page - Multicomp Pro TBAS16 Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
27/03/13
Switching Diode
SOT-23
Features:
• Silicon Planar Epitaxial High-Speed Diode
Absolute Maximum Ratings:
Parameters
Symbol
Value
Units
Continuous Reverse Voltage
V
R
Maximum
75
V
Repetitive Peak Reverse Voltage
V
RRM
85
Repetitive Peak Forward Current
I
FRM
500
mA
Junction Temperature
T
j
150
°C
Forward Voltage at IF = 50mA
V
F
<
1
V
Reverse Recovery Time When Switched from
IF = 10mA to IR = 10mA; RL = 100W;
measured at I
R = 1mA
t
rr
<
4
nS
Recovery Charge When Switched from
I
F = 10mA to VR = 5V; RL = 100W
Q
S
<
45
pC
Ratings (per diode) (at TA = 25°C unless otherwise specified)
Limiting Values
Symbol
Value
Units
Continuous Reverse Voltage
V
R
Maximum
75
V
Repetitive Peak Reverse Voltage
V
RRM
85
Forward Current (DC)
I
F
215
mA
Repetitive Peak Forward Current
I
FRM
500


Similar Part No. - TBAS16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TBAS16 TOSHIBA-TBAS16 Datasheet
200Kb / 5P
Switching Diodes Silicon Epitaxial Planar
logo
Shenzhen Luguang Electr...
TBAS16 LUGUANG-TBAS16 Datasheet
1Mb / 4P
Switching Diode
Revision:20241022-P1
More results

Similar Description - TBAS16

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1SS181 RECTRON-1SS181 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS184 RECTRON-1SS184 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS187 RECTRON-1SS187 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS190 RECTRON-1SS190 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS193 RECTRON-1SS193 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS196 RECTRON-1SS196 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
1SS226 RECTRON-1SS226 Datasheet
92Kb / 2P
SOT-23 SWITCHING DIODE
logo
Tiger Electronic Co.,Lt...
BAV70LT1 TGS-BAV70LT1 Datasheet
369Kb / 2P
SOT-23 Plastic-Encapsulate Diodes (SWITCHING DIODE)
logo
Rectron Semiconductor
BAS16V RECTRON-BAS16V Datasheet
247Kb / 4P
SOT-23 Plastic-Encapsulate Switching Diode
logo
Shenzhen Luguang Electr...
MMBD3004 LUGUANG-MMBD3004 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Diodes SWITCHING DIODE
Revision:20170701-P1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com