Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8261 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM8261
Description  DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8261 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM8261 Datasheet HTML 17Page - Texas Instruments LM8261 Datasheet HTML 18Page - Texas Instruments LM8261 Datasheet HTML 19Page - Texas Instruments LM8261 Datasheet HTML 20Page - Texas Instruments LM8261 Datasheet HTML 21Page - Texas Instruments LM8261 Datasheet HTML 22Page - Texas Instruments LM8261 Datasheet HTML 23Page - Texas Instruments LM8261 Datasheet HTML 24Page - Texas Instruments LM8261 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LP2980
1 PF
Input
Voltage
ON /OFF
VIN
VOUT
VOUT = 0V to 5V
DAC102S085
DIN
SCLK
SYNC
VA VREFIN
0.1 PF
Copyright © 2016, Texas Instruments Incorporated
LP3985
1 PF
0.1 PF
Input
Voltage
0.01 PF
VOUT = 0V to 5V
DAC082S085
DIN
SCLK
SYNC
VA VREFIN
0.1 PF
Copyright © 2016, Texas Instruments Incorporated
21
DAC082S085
www.ti.com
SNAS365G – MAY 2006 – REVISED JUNE 2016
Product Folder Links: DAC082S085
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Using References as Power Supplies (continued)
•
IZ(max) is the maximum allowable current through the LM4050
•
IZ(min) is the minimum current required by the LM4050 for proper regulation
•
IDAC(max) is the maximum DAC082S085 supply current
(5)
10.1.3 LP3985
The LP3985 is a low-noise, ultra-low dropout voltage regulator with a 3% accuracy over temperature. It is a good
choice for applications that do not require a precision reference for the DAC082S085. It comes in 3-V, 3.3-V, and
5-V versions, among others, and sports a low 30-µV noise specification at low frequencies. Because low
frequency noise is relatively difficult to filter, this specification could be important for some applications. The
LP3985 comes in a space-saving, 5-pin SOT-23 and 5-bump DSBGA packages.
Figure 39. Using the LP3985 Regulator
An input capacitance of 1 µF without any ESR requirement is required at the LP3985 input, while a 1-µF ceramic
capacitor with an ESR requirement of 5 m
Ω to 500 mΩ is required at the output. Careful interpretation and
understanding of the capacitor specification is required to ensure correct device operation.
10.1.4 LP2980
The LP2980 is an ultra-low dropout regulator with a 0.5% or 1% accuracy over temperature, depending upon
grade. It is available in 3-V, 3.3-V, and 5-V versions, among others.
Figure 40. Using the LP2980 Regulator
Like any low dropout regulator, the LP2980 requires an output capacitor for loop stability. This output capacitor
must be at least 1-µF over temperature, but values of 2.2 µF or more provide even better performance. The ESR
of this capacitor must be within the range specified in the LP2980 data sheet. Surface-mount solid tantalum
capacitors offer a good combination of small size and ESR. Ceramic capacitors are attractive due to their small
size but generally have ESR values that are too low for use with the LP2980. Aluminum electrolytic capacitors
are typically not a good choice due to their large size and have ESR values that may be too high at low
temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com