Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D01429 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D01429
Description  Socket Sets Pack of 50, Various Sizes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D01429 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D01429 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
01/09/14
Socket Sets
Pack of 50, Various Sizes
Specifications:
Fastener Material
: Steel
Screw Head Style
: Hex
Driver Type
: Hexagon
Material
: Steel
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Screw, Set, M3, 3mm (PK 50)
D01423
Screw, Set, M3, 6mm (PK 50)
D01424
Screw, Set, M4, 4mm (PK 50)
D01425
Screw, Set, M4, 6mm (PK 50)
D01426
Screw, Set, M5, 5mm (PK 50)
D01427
Screw, Set, M5, 10mm (PK 50)
D01428
Screw, Set, M6, 8mm (PK 50)
D01429
Screw, Set, M6, 10mm (PK 50)
D01430
Screw, Set, M8, 8mm (PK 50)
D01431
Screw, Set, M8, 16mm (PK 50)
D01432
Description:
A pack of metric socket set screws made from grade 14.9 heat treated steel.


Similar Part No. - D01429

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D01421-000 MACOM-D01421-000 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
D01425-000 MACOM-D01425-000 Datasheet
2Mb / 48P
Label format - Old format order code cross reference
More results

Similar Description - D01429

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
JT605S4467A WINCHESTER-JT605S4467A Datasheet
436Kb / 1P
OUTLINE & USAGE OF JACKSCREW SETS
JTC604 WINCHESTER-JTC604 Datasheet
436Kb / 1P
OUTLINE & USAGE OF JACKSCREW SETS
JTC605 WINCHESTER-JTC605 Datasheet
436Kb / 1P
OUTLINE & USAGE OF JACKSCREW SETS
JTC612 WINCHESTER-JTC612 Datasheet
436Kb / 1P
OUTLINE & USAGE OF JACKSCREW SETS
JZ602 WINCHESTER-JZ602 Datasheet
381Kb / 1P
OUTLINE & USAGE OF JACKSCREW SETS
logo
Laird Tech Smart Techno...
ECE115 LSTD-ECE115 Datasheet
1Mb / 1P
Able to extrude in various sizes and profiles
logo
Maxim Integrated Produc...
MAX1300AEVKIT MAXIM-MAX1300AEVKIT Datasheet
1Mb / 26P
Various Sample Sizes and Sample Rates
Rev 0; 2/12
MAX11261SYS1 MAXIM-MAX11261SYS1 Datasheet
4Mb / 18P
Various Sample Sizes and Sample Rates
Rev 0; 3/18
MAX11166EVSYS MAXIM-MAX11166EVSYS Datasheet
1Mb / 17P
Various Sample Sizes and Sample Rates
Rev 0; 6/13
logo
Schneider Electric
VRKP4YYYYY00012 SCHNEIDER-VRKP4YYYYY00012 Datasheet
115Kb / 1P
sets of sliding films
Apr 20, 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com