Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCH110C Datasheet(PDF) 1 Page - Sumida Corporation

Part # RCH110C
Description  Power Inductor Pin Type: Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

RCH110C Datasheet(HTML) 1 Page - Sumida Corporation

  RCH110C Datasheet HTML 1Page - Sumida Corporation RCH110C Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor Pin Type: <RCH Series>
Type: RCH110C
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
◆
Product Description
・
11.0mm Max.φ, 10.5mm Max. Height.
・
Inductance Range: 0.9~8.2μH
・
Rated current range: 5.8~12.0A
・
In addition to the standard versions of inductors shown here, custom inductors are available to meet
your exact requirements.
◆
Feature
・
Magnetically unshielded construction.
・
Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines,
etc as power supplies’s Inductors or DC-DC Converter inductors.
・
RoHS Compliance
◆
Dimensions (mm)
※
A Dimension refer to the specification


Similar Part No. - RCH110C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH110B SUMIDA-RCH110B Datasheet
232Kb / 5P
PIN Power Inductor
RCH110BNP-100M SUMIDA-RCH110BNP-100M Datasheet
232Kb / 5P
PIN Power Inductor
RCH110BNP-101K SUMIDA-RCH110BNP-101K Datasheet
232Kb / 5P
PIN Power Inductor
RCH110BNP-102K SUMIDA-RCH110BNP-102K Datasheet
232Kb / 5P
PIN Power Inductor
RCH110BNP-120M SUMIDA-RCH110BNP-120M Datasheet
232Kb / 5P
PIN Power Inductor
More results

Similar Description - RCH110C

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
RCH114 SUMIDA-RCH114 Datasheet
69Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH1216B SUMIDA-RCH1216B_06 Datasheet
183Kb / 2P
Power Inductor Pin Type:
RCH8011B SUMIDA-RCH8011B Datasheet
190Kb / 3P
Power Inductor< PIN Type : RCH Series>
RCH-108 SUMIDA-RCH-108 Datasheet
181Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-109 SUMIDA-RCH-109 Datasheet
179Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-110 SUMIDA-RCH-110 Datasheet
181Kb / 2P
Power Inductor< Pin Type : RCH Series>
RCH-114 SUMIDA-RCH-114 Datasheet
177Kb / 2P
Power Inductor< Pin Type: RCH Series>
RCH-654 SUMIDA-RCH-654 Datasheet
168Kb / 2P
Power Inductor< Pin Type :RCH Series>
RCH-855 SUMIDA-RCH-855 Datasheet
181Kb / 3P
Power Inductor< Pin Type: RCH Series>
RCH-4564 SUMIDA-RCH-4564 Datasheet
186Kb / 1P
Power Inductor< Pin Type: RCH Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com