Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M55116/1-5 Datasheet(PDF) 8 Page - Amphenol PCD, Inc

Part # M55116/1-5
Description  WATERPROOF AUDIO CONNECTORS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

M55116/1-5 Datasheet(HTML) 8 Page - Amphenol PCD, Inc

Back Button M55116/1-5 Datasheet HTML 4Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 5Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 6Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 7Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 8Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 9Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 10Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 11Page - Amphenol PCD, Inc M55116/1-5 Datasheet HTML 12Page - Amphenol PCD, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
F ive&SixPinAudioPlugConnectorSolderCupTerminal
Sr No.
Description
MIL Designation
Amphenol Designation
1
5 Pin Audio plug connector with Solder Cup Terminal & wire strain relief
M55116/3-X
164-229-S-X
2
6 Pin Audio plug connector with Solder Cup Terminal & wire strain relief
M55116/4-X
164-229-6S-X
M55116/3-X
M55116/4-X
N/A
4.19 ± 0.25
5.79 ± 0.25
Dash no-X
-0
-1
-2
Cable diameter
-3
-4
-5
6.35 ± 0.25
7.36 ± 0.25
8.12 ± 0.25
X Stands for the Cable size accommodation, is identified by a dash number as shown in above table. This number indicates the outside diameter of the cable that
the connector will accommodate.
2.41
2.36
1.21
1.18
.25
.15
R (TYP)
0
36
0
48
0
12
0
36
R4.76
1.12REF
3REQ’D
7.16
7.11
6.55
6.45
R
0
46
0
44
1.17
1.02
5.18
5.08
2.34
2.21
2.26
MAX
33.22 REF
9.14 REF
6.35 REF
30.48 REF
0
46
0
44
1.17
1.02
5.18
5.08
2.34
2.21
2.26
MAX
33.22 REF
9.14 REF
6.35 REF
30.48 REF
2.41
2.36
1.21
1.18
.25
.15
R (TYP)
0
36
0
48
0
12
0
36
R4.76
1.12REF
3REQ’D
7.16
7.11
6.55
6.45
R
“O” RING
ALIGNMENT DOT
STAINLESS STEEL SHELL
OUTER SHELL - NYLON OR STAINLESS STEEL
“O” RING (OPTIONAL)
LOADING SLEEVE
RUBBER WASHER (SEAL)
ADAPTER
GLAND NUT
STRAIN RELIEF
CONTACT
CONTACT
ASSEMBLY
GLAND
STEEL WASHER
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com