Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL3700S Datasheet(PDF) 2 Page - ON Semiconductor

Part # HCPL3700S
Description  AC/DC to Logic Interface Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HCPL3700S Datasheet(HTML) 2 Page - ON Semiconductor

  HCPL3700S Datasheet HTML 1Page - ON Semiconductor HCPL3700S Datasheet HTML 2Page - ON Semiconductor HCPL3700S Datasheet HTML 3Page - ON Semiconductor HCPL3700S Datasheet HTML 4Page - ON Semiconductor HCPL3700S Datasheet HTML 5Page - ON Semiconductor HCPL3700S Datasheet HTML 6Page - ON Semiconductor HCPL3700S Datasheet HTML 7Page - ON Semiconductor HCPL3700S Datasheet HTML 8Page - ON Semiconductor HCPL3700S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL3700 Rev. 1.0.3
August 2008
HCPL3700
AC/DC to Logic Interface Optocoupler
Features
■ AC or DC input
■ Programmable sense voltage
■ Logic level compatibility
■ Threshold guaranteed over temperature (0°C to 70°C)
■ Optoplanar™ construction for high common mode
immunity
■ UL recognized (file # E90700)
■ VDE certified – ordering option ‘V’, e.g., HCPL3700V
Applications
■ Low voltage detection
■ 5 V to 240 V AC/DC voltage sensing
■ Relay contact monitor
■ Current sensing
■ Microprocessor Interface
■ Industrial controls
Description
The HCPL-3700 voltage/current threshold detection
optocoupler consists of an AlGaAs LED connected to a
threshold sensing input buffer IC which are optically cou-
pled to a high gain darlington output. The input buffer
chip is capable of controlling threshold levels over a wide
range of input voltages with a single resistor. The output
is TTL and CMOS compatible.
Schematics
Package Outlines
8
1
8
1
8
1
1
2
3
45
8
6
7
AC
DC+
DC-
AC
GND
V
NC
VO
CC
AC/DC
POWER
LOGIC
RX
HCPL-3700
GND 1
GND 2
TRUTH TABLE
(Positive Logic)
A 0.1µF bypass capacitor must be connected
between pins 8 and 5.
Input
Output
HL
LH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com