Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA24-600 Datasheet(PDF) 11 Page - STMicroelectronics

Part # BTA24-600
Description  25A TRIACS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA24-600 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button BTA24-600 Datasheet HTML 4Page - STMicroelectronics BTA24-600 Datasheet HTML 5Page - STMicroelectronics BTA24-600 Datasheet HTML 6Page - STMicroelectronics BTA24-600 Datasheet HTML 7Page - STMicroelectronics BTA24-600 Datasheet HTML 8Page - STMicroelectronics BTA24-600 Datasheet HTML 9Page - STMicroelectronics BTA24-600 Datasheet HTML 10Page - STMicroelectronics BTA24-600 Datasheet HTML 11Page - STMicroelectronics BTA24-600 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BTA24, BTB24, BTA25, BTA26 and T25 series
Ordering information
11/12
4
Ordering information
Note: xxx = voltage, yy = sensitivity, z = type
5
Revision History
Ordering type
Marking
Package
Weight
Base qty Delivery mode
BTA/BTB24-xxxyyzRG
BTA/BTB24xxxyyz
TO-220AB
2.3 g
50
Tube
BTA25-xxxyyzRG
BTA25-xxxyyz
RD91
20 g
25
Bulk
BTA26-xxxyzRG
BTA26-xxxyyz
TOP3 Ins.
4.5 g
30
Tube
T2535-xxxG
T2535xxxG
D2PAK
1.5 g
50
Tube
T2535-xxxG-TR
T2535xxxG
1000
Tape and reel
Date
Revision
Description of Changes
Oct-2002
6A
Previous update.
13-Feb-2006
7
TO-220AB delivery mode changed from bulk to tube.
ECOPACK statement added.
31-May-2006
8
Reformatted to current standard. Tc in figure 3 changed
to Tamb
31-Jul-2006
9
Typing error corrected on page 1 (BTB124 instead of
BTB24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com