Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D02002 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D02002
Description  Ferrules Crimping Pliers Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D02002 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D02002 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
24/05/16
Ferrules Crimping Pliers Set
Features:
• Appealingsyntheticutilityboxwithprofiledfoaminlay
• Forcrimpingwireendsleeves/ferrulesfrom0.25-16mm²
(DIN46228parts1+4)
• Markedhalf-rounddiesforreliableconnectionsbetweenthesleeve
andtheconductor
• Blackened–frontpolished
• Vinyldippedhandles-blue
Specifications:
2622
mm
L
B
H
●
258
200
45
700
Important Notice :Thisdatasheetanditscontents(the“Information”)belongtothemembersofthePremierFarnellgroupofcompanies(the“Group”)orarelicensedtoit.Nolicenceisgranted
fortheuseofitotherthanforinformationpurposesinconnectionwiththeproductstowhichitrelates.Nolicenceofanyintellectualpropertyrightsisgranted.TheInformationissubjecttochange
withoutnoticeandreplacesalldatasheetspreviouslysupplied.TheInformationsuppliedisbelievedtobeaccuratebuttheGroupassumesnoresponsibilityforitsaccuracyorcompleteness,any
errorinoromissionfromitorforanyusemadeofit.UsersofthisdatasheetshouldcheckforthemselvestheInformationandthesuitabilityoftheproductsfortheirpurposeandnotmakeany
assumptionsbasedoninformationincludedoromitted.LiabilityforlossordamageresultingfromanyrelianceontheInformationoruseofit(includingliabilityresultingfromnegligenceorwherethe
Groupwasawareofthepossibilityofsuchlossordamagearising)isexcluded.ThiswillnotoperatetolimitorrestricttheGroup’sliabilityfordeathorpersonalinjuryresultingfromitsnegligence.
DURATOOListheregisteredtrademarkoftheGroup.©PremierFarnellplc2012.
Part Number Table
Description
Part Number
Kit,CrimpingPliers/Terminals
D02002
Kit Content:
• Crimpingpliersref.D02002(bluedippedhandles)
• Phasingtester
• Assortmentofinsulatedferrules100pcseach:
• 0.5mm²;0.75mm²;1.5mm²;2.5mm²;50pcseach:4mm²


Similar Part No. - D02002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D02002 ETC2-D02002 Datasheet
1Mb / 5P
MultifunktionsSeitenschneider,C60
More results

Similar Description - D02002

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
CRIMPFOX-16-S PHOENIX-CRIMPFOX-16-S Datasheet
46Kb / 2P
Crimping pliers for ferrules up to 16 mm짼
SF-Z0008 PHOENIX-SF-Z0008 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0009 PHOENIX-SF-Z0009 Datasheet
44Kb / 2P
Crimping pliers
SF-Z0029 PHOENIX-SF-Z0029 Datasheet
46Kb / 2P
Crimping pliers
RC-Z2504 PHOENIX-RC-Z2504 Datasheet
45Kb / 2P
Crimping pliers
1212039 PHOENIX-1212039 Datasheet
54Kb / 3P
Crimping pliers - CRIMPFOX 25R
1212072 PHOENIX-1212072 Datasheet
98Kb / 6P
Crimping pliers - CRIMPFOX-M
1212093 PHOENIX-1212093 Datasheet
84Kb / 6P
Crimping pliers set - CRIMPFOX-M SET
1212318 PHOENIX-1212318 Datasheet
48Kb / 3P
Crimping pliers - CRIMPFOX-C120
1605672 PHOENIX-1605672 Datasheet
44Kb / 2P
Crimping pliers - SF-Z0009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com