Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2455IDRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2455IDRG4
Description  FAMLY OF 23-A 220-KHZ RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2455IDRG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2455IDRG4 Datasheet HTML 1Page - Texas Instruments TLV2455IDRG4 Datasheet HTML 2Page - Texas Instruments TLV2455IDRG4 Datasheet HTML 3Page - Texas Instruments TLV2455IDRG4 Datasheet HTML 4Page - Texas Instruments TLV2455IDRG4 Datasheet HTML 5Page - Texas Instruments TLV2455IDRG4 Datasheet HTML 6Page - Texas Instruments TLV2455IDRG4 Datasheet HTML 7Page - Texas Instruments TLV2455IDRG4 Datasheet HTML 8Page - Texas Instruments TLV2455IDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
TLV2450, TLV2451, TLV2452, TLV2453, TLV2454, TLV2455, TLV245xA
FAMILY OF 23 µA 220kHz RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS218F − DECEMBER 1998 − REVISED JANUARY 2005
1
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
D Supply Current ...23 µA/Channel
D Gain-Bandwidth Product . . . 220 kHz
D Output Drive Capability . . . ±10 mA
D Input Offset Voltage ...20 µV (typ)
D VDD Range . . . 2.7 V to 6 V
D Power Supply Rejection Ratio . . . 106 dB
D Ultralow-Power Shutdown Mode
IDD . . . 16 nA/ch
D Rail-To-Rail Input/Output (RRIO)
D Ultrasmall Packaging
− 5 or 6 Pin SOT-23 (TLV2450/1)
− 8 or 10 Pin MSOP (TLV2452/3)
description
The TLV245x is a family of rail-to-rail input/output operational amplifiers that sets a new performance point for
supply current and ac performance. These devices consume a mere 23
µA/channel while offering 220 kHz of
gain-bandwidth product, much higher than competitive devices with similar supply current levels. Along with
increased ac performance, the amplifier provides high output drive capability, solving a major shortcoming of
older micropower rail-to-rail input/output operational amplifiers. The TLV245x can swing to within 250 mV of
each supply rail while driving a 2.5-mA load. Both the inputs and outputs swing rail-to-rail for increased dynamic
range in low-voltage applications. This performance makes the TLV245x family ideal for portable medical
equipment, patient monitoring systems, and data acquisition circuits.
FAMILY PACKAGE TABLE
DEVICE
NUMBER OF
PACKAGE TYPES
SHUTDOWN
UNIVERSAL
DEVICE
NUMBER OF
CHANNELS
PDIP
SOIC
SOT-23
TSSOP
MSOP
SHUTDOWN
UNIVERSAL
EVM BOARD
TLV2450
1
8
8
6
—
—
Yes
TLV2451
1
8
8
5
—
—
—
Refer to the EVM
TLV2452
2
8
8
—
—
8
—
Refer to the EVM
Selection Guide
TLV2453
2
14
14
—
—
10
Yes
Selection Guide
(Lit# SLOU060)
TLV2454
4
14
14
—
14
—
—
(Lit# SLOU060)
TLV2455
4
16
16
—
16
—
Yes
A SELECTION OF SINGLE-SUPPLY OPERATIONAL AMPLIFIER PRODUCTS†
DEVICE
VDD
(V)
BW
(MHz)
SLEW RATE
(V/
µs)
IDD (per channel)
(
µA)
RAIL-TO-RAIL
TLV245X
2.7 − 6.0
0.22
0.11
23
I/O
TLV247X
2.7 − 6.0
2.8
1.5
600
I/O
TLV246X
2.7 − 6.0
6.4
1.6
550
I/O
TLV277X
2.5 − 6.0
5.1
10.5
1000
O
† All specifications measured at 5 V.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1998−2005, Texas Instruments Incorporated
Operational Amplifier
−
+
All trademarks are the property of their respective owners.


Similar Part No. - TLV2455IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2455IDRG4 TI-TLV2455IDRG4 Datasheet
1Mb / 47P
FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2455IDRG4 TI-TLV2455IDRG4 Datasheet
1Mb / 51P
FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2455IDRG4 TI1-TLV2455IDRG4 Datasheet
1Mb / 60P
FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results

Similar Description - TLV2455IDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2450 TI-TLV2450 Datasheet
1Mb / 47P
FAMILY OF 23-mA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460 Datasheet
1Mb / 54P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2455A TI-TLV2455A Datasheet
1Mb / 45P
FAMILY OF 23-UA 220-KHZ RAIL TO RAIL INPUT/ OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460A-Q1 TI-TLV2460A-Q1 Datasheet
692Kb / 33P
FAMILY OF LOW POWER RAIL TO RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI-TLV2460_07 Datasheet
1Mb / 58P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI-TLV2450_07 Datasheet
1Mb / 51P
FAMILY OF 23-uA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460-Q1 TI1-TLV2460-Q1 Datasheet
1Mb / 38P
LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2764IPWG4 TI-TLV2764IPWG4 Datasheet
1Mb / 43P
FAMILY OF 1.8V MICROPOWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2450 TI1-TLV2450_16 Datasheet
1Mb / 60P
FAMILY OF 23-muA 220-kHz RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
TLV2460 TI1-TLV2460_16 Datasheet
2Mb / 71P
FAMILY OF LOW-POWER RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com